Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-A854RD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-A854RD
Description  20.3mm (0.80) high single digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-A854RD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BS-A854RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-A854RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-A854RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--A
A8
85
54
4R
RD
D
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
1.9
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
3.2
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
640
-
nm
Dominant Wave Length
λ
d
IF=10mA
626
-
636
nm
Spectral Line Half-width
∆λ
IF=10mA
-
40
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BS-A854RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-A854RD ETC1-BS-A854RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-A854RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C815BD BRIGHT-BS-C815BD Datasheet
166Kb / 3P
   20.4mm(0.80) high single seven segments display
BS-A855RD BRIGHT-BS-A855RD Datasheet
176Kb / 3P
   20.30mm (0.80) high single seven segments display
logo
BetLux Electronics
BL-D80C-21 BETLUX-BL-D80C-21 Datasheet
329Kb / 5P
   20.3mm (0.80) Dual digit Seven Segment LED display series
BL-D80E-21 BETLUX-BL-D80E-21 Datasheet
329Kb / 5P
   20.3mm (0.80) Dual digit Seven Segment LED display series
BL-D80A-21 BETLUX-BL-D80A-21 Datasheet
327Kb / 5P
   20.3mm (0.80) Dual digit Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BS-A305RE BRIGHT-BS-A305RE Datasheet
191Kb / 3P
   7.62mm(0.3) high single digit seven segments display.
BS-AA32RD BRIGHT-BS-AA32RD Datasheet
197Kb / 3P
   25.4mm (1.00) high single digit seven segments display.
BS-C514RD BRIGHT-BS-C514RD Datasheet
117Kb / 3P
   14.20mm(00.56) high single digit seven segments display
BS-C552RD BRIGHT-BS-C552RD Datasheet
193Kb / 3P
   14.20mm(0.56) high single digit seven segments display.
BS-A55DRD BRIGHT-BS-A55DRD Datasheet
165Kb / 3P
   14.2mm (0.56) high single digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com