Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM634 Datasheet(PDF) 11 Page - Silicon Touch Technology Inc.

Part # DM634
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM634 Datasheet(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM634 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM634 Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version : A.003
Page 10
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM634
Serial Data Interface
The serial-in data (DAI) will be clocked into 16 × 16 bit shift registers synchronized on the
rising edge of the clock (DCK). The data will be transferred into the 16 × 16 bit latch registers
when the strobe signal (
LAT ) is kept at high level (level trigger); otherwise, the data will be held.
The latch pulse should be sent after the falling edge of the last clock within a frame data. The trigger
timing of the serial-out data (DAO) will be shifted out on synchronization to the rising edge of the
clock if serial out selection (SOMODE) is kept at low level. And if serial out selection (SOMODE)
is kept at high level, the serial-out data (DAO) will be shifted out on synchronization to the falling
edge of the clock (DCK).
Input Data Format
Serial-out Data Format
D15 [15]
THF
D15[13]
D15[10]
D15[9]
D15[8]
D15[12]
D15[11]
D15[7]
D15[6]
D15[5]
D15[2]
D15[1]
E[15]
D15[4]
D15[3]
LSB
OUT 15
MSB
shift out first
LSB
OUT 14
MSB
LSB
OUT 0
MSB
D
14[15]
D
14[14]
D
14 [13]
D
14 [10]
D
14[9]
D
14[8]
D
14 [12]
D
14[11]
D
14 [7]
D
14[6]
D
14[5]
D
14[2]
D
14[1]
E[14]
D
14[4]
D
14 [3]
D
0 [15]
D
0 [14]
D
0[13]
D
0[10]
D
0 [9]
D
0 [8]
D
0[12]
D
0 [11]
D
0[7]
D
0 [6]
D
0 [5]
D
0 [2]
D
0 [1]
E[0]
D
0[4]
D
0[3]
E[15], E[14], ... E[ ]
0
are Error Messages of LED Open Detection. `1'is normal, and `0'is abnormal.
THF is the Error Message of chip thermal detection. `1'is normal, and `0'is abnormal.


Similar Part No. - DM634

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
List of Unclassifed Man...
DM6310P ETC-DM6310P Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
DM6312P ETC-DM6312P Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
logo
Silicon Touch Technolog...
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
DM632 SITI-DM632 Datasheet
551Kb / 25P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
More results

Similar Description - DM634

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM632 SITI-DM632 Datasheet
551Kb / 25P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
   3-Channel Constant Current LED Driver With Programmable PWM Outputs
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
logo
SHENZHEN FUMAN ELECTRON...
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com