Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM134B Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM134B
Description  16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134B Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM134B Datasheet HTML 1Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 2Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 3Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DM134B
DM135B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-3-
Version
:A.006
Block Diagram
Timing Diagram
(Note) Latches are level sensitive (not edge triggered).
LATCH-terminal = H level, latches become transparent; LATCH-terminal = L level, latches hold data.
ENABLE-terminal = H level, all outputs (OUT0~15) are off.
An external resistor is connected between R-EXT and GND for setting up the value of constant current.
SERIAL-OUT changes state on the rising edges of clock.
CLOCK
SERIAL_IN
LATCH
ENABLE
OUT0
OUT1
OUT2
OUT3
OUT13
OUT14
OUT15
5V
0V
5V
0V
5V
0V
5V
0V
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
5V
0V
SERIAL_OUT
Previous Data
16 Clocks
CK
CK
CK
D
D
D
Q
Q
Q
D
ST
Q
CLOCK
I-REG.
SERIAL-IN
LATCH
R-EXT
SERIAL-OUT
OUT15
OUT1
OUT0
D
ST
ST
Q
Q
D
ENABLE


Similar Part No. - DM134B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
More results

Similar Description - DM134B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com