Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM13A Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # DM13A
Description  16-bit Constant Current LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  DM13A Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13A Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver
Version:A.003
Page 4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13A
Equivalent Circuit of Inputs and Outputs
1. DCK, DAI, LAT, EN terminals
2. DAO terminals


Similar Part No. - DM13A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM13A-E SITI-DM13A-E Datasheet
787Kb / 23P
   Minimum constant-current outputs: 0.3mA
More results

Similar Description - DM13A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com