Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM134 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM134
Description  16-Bit Constant Current LED Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM134 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DM134
DM135DM136
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-6-
Version
:A.013
Electrical Characteristics (VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
0.7VDD
VDD
Input Voltage “L” Level
VIL
GND
0.3VDD
V
Output Leakage Current
IOH
VOH = 17 V
1.0
uA
VOL
IOL = 1.0 mA
0.4
Output Voltage ( S - OUT)
VOH
IOH = -1.0 mA
4.6
V
DM134
REXT = 377
Ω
DM135
REXT = 1260
Ω
Output Current (Bit-Bit)
Δ
Iout
DM136
VOUT = 1.2V
(1 channel on)
REXT = 3830
Ω
±
1.5
±
4
%
DM134
REXT = 377
Ω
36.0
40.0
44.0
DM135
REXT = 1260
Ω
9.38
10.42
11.46
Output Current (Chip-Chip) Iout
DM136
VOUT = 1.2V
(1 channel on)
REXT = 3830
Ω
2.7
3
3.3
mA
IDM134
REXT = 377
Ω
IDM135
REXT =1260
Ω
Output Voltage Regulation
IDM136
Vout = 1.2V ~ 5.0V
(% / Vout)
REXT = 3830
Ω
0.1
0.5
% / V
Supply Voltage Regulation
% / VDD
Vdd = 4.5V ~ 5.5V
0.5
1.5
% / V
Pull-Up Resistor
RIN(up)
150
300
600
K
Ω
Pull-Down Resistor
RIN(down)
100
200
400
K
Ω
REXT = OPEN, all outputs off
7.4
10
DM134
REXT = 210
Ω, all outputs off
24
34
REXT = OPEN, all outputs off
7.4
10
DM135
REXT = 630
Ω, all outputs off
16
22
REXT = OPEN, all outputs off
7.4
10
Supply Current “OFF”
Idd
(off)
DM136
REXT = 2100
Ω, all outputs off
12
17
DM134
REXT = 210
Ω, all outputs on
26
36
DM135
REXT = 630
Ω, all outputs on
18
25
Supply Current “ON”
Idd
(on)
DM136
REXT = 2100
Ω, all outputs on
14
20
mA


Similar Part No. - DM134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
logo
Silicon Touch Technolog...
DM134B SITI-DM134B Datasheet
337Kb / 20P
   16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
More results

Similar Description - DM134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com