Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM134 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM134
Description  16-Bit Constant Current LED Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM134 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DM134
DM135DM136
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-5-
Version
:A.013
Maximum Ratings (Ta = 25°C, Tj
(max) = 150°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
0 ~ 7.0
V
Input Voltage
VIN
-0.4 ~ VDD+0.4
V
100 ( DM134 )
60 ( DM135 )
Output Current
IOUT
20 ( DM136 )
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Clock Frequency
fCLK
25
MHz
1600 ( DM134 )
960 ( DM135 )
GND Terminal Current
IGND
320 ( DM136 )
mA
2.5 (DIP-24 : Ta=25
°C)
1.58 (SOP-24 : Ta=25
°C)
1.39 (SSOP-24 : Ta=25
°C)
Power Dissipation
(On 4-layer PCB)
PD
3.08 (QFN-32 : Ta=25
°C)
W
50.0 (DIP-24)
79.2 (SOP-24)
90.2 (SSOP-24)
31 (TSSOP-24, Exposed PAD)
Thermal Resistance
(On 4-layer PCB)
Rth(j-a)
40.6 (QFN-32)
°C/W
Operating Temperature
Topr
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Output Voltage
VOUT
17
V
Operating temperature
TOPR
-40
85
IO
OUTn
5
85
IOH
SERIAL-OUT
1.0
Output Current
IOL
SERIAL-OUT
-1.0
mA
VIH
0.7VDD
VDD+0.3
Input Voltage
VIL
-0.3
0.3VDD
V
LATCH Pulse Width
tw LAT
15
ns
CLOCK Pulse Width
tw CLK
15
ns
Set-up Time for DATA
tsetup(D)
10
ns
Hold Time for DATA
thold(D)
5
ns
Set-up Time for LATCH tsetup(L)
VDD = 4.5 ~ 5.5 V
15
ns
Clock Frequency
fCLK
Cascade operation
25
MHz


Similar Part No. - DM134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
logo
Silicon Touch Technolog...
DM134B SITI-DM134B Datasheet
337Kb / 20P
   16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
More results

Similar Description - DM134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com