Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD211 Datasheet(PDF) 11 Page - Silicon Touch Technology Inc.

Part # DD211
Description  A DRIVER, CHARGE PUMP FOR HIGH FORWARD-VOLTAGE LEDS WITH LOW SUPPLY VOLTAGE (2.0V~3.3V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD211 Datasheet(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DD211 Datasheet HTML 3Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 4Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 5Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 6Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 7Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 8Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 9Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 10Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DD211
SP-DD211-A.001.doc
-10-
Version
A.001
The products listed herein are designed for ordinary electronic applications, such
as electrical appliances, audio-visual equipment, communications devices and so on.
Hence, it is advisable that the devices should not be used in medical instruments,
surgical
implants,
aerospace
machinery,
nuclear
power
control
systems,
disaster/crime-prevention equipment and the like. Misusing those products may directly
or indirectly endanger human life, or cause injury and property loss.
Silicon Touch Technology, Inc. will not take any responsibilities regarding the
misusage of the products mentioned above. Anyone who purchases any products
described herein with the above-mentioned intention or with such misused applications
should accept full responsibility and indemnify. Silicon Touch Technology, Inc. and its
distributors and all their officers and employees shall defend jointly and severally against
any and all claims and litigation and all damages, cost and expenses associated with such
intention and manipulation.


Similar Part No. - DD211

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DD211 APITECH-DD211 Datasheet
279Kb / 6P
   PIN Diode Drivers
DD211 APITECH-DD211 Datasheet
279Kb / 6P
   PIN Diode Drivers
DD211 APITECH-DD211 Datasheet
279Kb / 6P
   PIN Diode Drivers
DD211 APITECH-DD211 Datasheet
1,020Kb / 1P
   HIGH SPEED DRIVERS
DD211 APITECH-DD211 Datasheet
1Mb / 1P
   Dual High Speed Drivers
More results

Similar Description - DD211

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DD212 SITI-DD212 Datasheet
236Kb / 7P
   HIGH POWER CHARGE PUMP FOR WHITE LEDS WITH LOW SUPPLY VOLTAGE
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
   High Voltage 1.5x Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
STMicroelectronics
STP2CMP STMICROELECTRONICS-STP2CMP Datasheet
1Mb / 23P
   Low voltage 2-channel constant current LED driver with charge pump
April 2015 Rev 2
STP4CMP STMICROELECTRONICS-STP4CMP Datasheet
1Mb / 24P
   Low voltage 4-channel constant current LED driver with charge pump
April 2015 Rev 3
STP4CMPQTR STMICROELECTRONICS-STP4CMPQTR Datasheet
861Kb / 22P
   Low voltage 4-channel constant current LED driver with charge pump
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com