Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8406-H Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPC8406-H
Description  Field Effect Transistor Silicon P/N-Channel MOS Type (P-Channel竊뢓-Channel Ultra-High-Speed U-MOSIII)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8406-H Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPC8406-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 8Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPC8406-H
2009-09-29
2
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
83.3
Thermal resistance, channel to ambient
(t
= 10s)
(Note 2a) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
114
Single-device operation
(Note 2a)
Rth (ch-a) (1)
167
Thermal resistance, channel to ambient
(t
= 10s)
(Note 2b) Single-device value at
dual operation
(Note 2b)
Rth (ch-a) (2)
278
°C/W
Marking (Note 6)
Note 1: The channel temperature should not exceed 150°C during use.
Note 2: a) Device mounted on a glass-epoxy board (a)
b) Device mounted on a glass-epoxy board (b)
Note 3: a) The power dissipation and thermal resistance values are shown for a single device
(During single-device operation, power is applied to one device only.).
b) The power dissipation and thermal resistance values are shown for a single device
(During dual operation, power is evenly applied to both devices.).
Note 4: a) VDD = 24 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = 6.5 A
b) VDD = 24 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = 6.5 A
Note 5: Repetitive rating: pulse width limited by maximum channel temperature
Note 6:
• on the lower left of the marking indicates Pin 1.
Note 7: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
* Weekly code: (Three digits)
Week of manufacture
(01 for first week of year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
T P C 840 6
H
Lot No.
Note 7
Part No. (or abbreviation code)


Similar Part No. - TPC8406-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8406-H VBSEMI-TPC8406-H Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - TPC8406-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H_06 Datasheet
458Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H Datasheet
88Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (Ultra High-Speed U-MOSIII)
TPCA8022-H TOSHIBA-TPCA8022-H Datasheet
249Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com