Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8406-H Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPC8406-H
Description  Field Effect Transistor Silicon P/N-Channel MOS Type (P-Channel竊뢓-Channel Ultra-High-Speed U-MOSIII)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8406-H Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TPC8406-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 8Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 9Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPC8406-H
2009-09-29
6
P-Channel
160
−40
0
40
80
120
−80
40
30
20
10
0
Ambient temperature Ta (°C)
RDS (ON) – Ta
50
ID = −1.7/−3.3/−6.5A
−1.7
−3.3
VGS = −4.5 V
−10 V
ID = −6.5 A
Common source
Pulse test
0
−0. 1
0.2
−10
−100
0.6
0.8
1.0
0.4
Drain-source voltage VDS (V)
IDR – VDS
−1
−10
−3
−1
VGS = 0 V
Common source
Ta
= 25°C
Pulse test
−4.5
1.2
10
−0.1
100
1000
10000
−1
−10
−100
Drain-source voltage VDS (V)
Capacitance – VDS
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
0
−0.4
−1.2
−80
−40
0
40
80
120
160
−0.8
Ambient temperature Ta (°C)
Vth – Ta
−2.0
−1.6
Common source
VDS = −10 V
ID = −1 mA
Pulse test
2.0
1.2
0
0
50
100
150
1.6
200
0.8
0.4
Ambient temperature Ta (°C)
PD – Ta
(1)
(2)
(3)
(4)
Dynamic input/output
characteristics
Total gate charge Qg (nC)
−40
50
−20
−30
0
0
−16
−4
40
−12
0
20
30
10
−10
−8
−50
−20
VDD = −32 V
VGS
VDS
−16
−8
Common source
ID = −6.5 A
Ta
= 25°C
Pulse test
Device mounted on a glass-epoxy board (a) (Note 2a)
(1)Single-device operation (Note 3a)
(2)Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3)Single-device operation (Note 3a)
(4)Single-device value at dual operation (Note 3b)
t=
10S


Similar Part No. - TPC8406-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8406-H VBSEMI-TPC8406-H Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - TPC8406-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H_06 Datasheet
458Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H Datasheet
88Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (Ultra High-Speed U-MOSIII)
TPCA8022-H TOSHIBA-TPCA8022-H Datasheet
249Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com