Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8025 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8025
Description  Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8025 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8025 Datasheet HTML 1Page - Toshiba Semiconductor TPC8025 Datasheet HTML 2Page - Toshiba Semiconductor TPC8025 Datasheet HTML 3Page - Toshiba Semiconductor TPC8025 Datasheet HTML 4Page - Toshiba Semiconductor TPC8025 Datasheet HTML 5Page - Toshiba Semiconductor TPC8025 Datasheet HTML 6Page - Toshiba Semiconductor TPC8025 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8025
2009-09-29
5
80
160
120
VDS
6
12
020
40
4
12
16
20
0
10
20
30
50
40
8
10
30
VDD = 24 V
0
(1)
(2)
3
0
0.5
1
1.5
2
0
40
80
160
120
2.5
−80
−40
0
40
0
2.5
0.5
1.5
2
1
Ciss
Coss
Crss
10000
10
0.1
1
10
100
100
1000
10
4.5
3
VGS = 0 V
1
0
−0.2
−0.4
−0.6
−0.8
−1.0
1
10
100
−1.2
VGS = 4.5 V
ID = 5.5,11 A
ID = 2.8,5.5,11 A
0
5
10
15
20
−80
−40
0
40
80
120
160
VGS = 10 V
2.8
RDS (ON) – Ta
IDR – VDS
Vth – Ta
PD – Ta
Common source
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = 10 V
ID = 1mA
Pulse test
Common source
ID = 11 A
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
Drain
source voltage VDS (V)
Drain
source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Dynamic input/output
characteristics
(1)Device mounted on a glass-epoxyboard
(a)(Note 2a)
(2)Device mounted on a glass-epoxyboard
(b)(Note 2b)
t
= 10 s
25


Similar Part No. - TPC8025

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8025 TOSHIBA-TPC8025 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPC8025

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCP8006 TOSHIBA-TPCP8006 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPC8042 TOSHIBA-TPC8042 Datasheet
207Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8030 TOSHIBA-TPC8030 Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8027 TOSHIBA-TPC8027 Datasheet
188Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8029 TOSHIBA-TPC8029 Datasheet
189Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com