Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3216 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3216
Description  PHOTOCOUPLER PHOTO RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3216 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3216_08 Datasheet HTML 1Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 2Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 3Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 4Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 5Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 6Page - Toshiba Semiconductor TLP3216_08 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP3216
2008-03-03
5
tON,tOFF ─ I F
tON,tOFF ─ Ta
110
100
330
1
10
100
1000
33
30
300
-20
0
20
40
60
80
100
0
50
100
150
200
250
Forward current I F (mA)
Ambient temperature Ta (
°C)
I OFF ─ VOFF
C OFF ─ VOFF
0
10203040
5
10
15
0
1020304050
0.2
0.4
0.6
0.8
1
Off-state output voltage VOFF (V)
Off-state output voltage VOFF (V)
Ta = 25
°C
V DD = 10 V, RL = 200 Ω
t OFF
t ON
t OFF
t ON
Ta = 25
°C
V DD = 10 V, RL = 200 Ω
I F = 10 mA
Ta = 25
°C


Similar Part No. - TLP3216_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
More results

Similar Description - TLP3216_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
   PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3214 TOSHIBA-TLP3214_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP594G TOSHIBA-TLP594G Datasheet
136Kb / 4P
   Photocoupler Photo Relay
TLP179D TOSHIBA-TLP179D Datasheet
125Kb / 4P
   PHOTOCOUPLER PHOTO RELAY
TLP3203 TOSHIBA-TLP3203 Datasheet
205Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com