Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL12W02-NT30 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TL12W02-NT30
Description  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL12W02-NT30 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TL12W02-NT30 Datasheet HTML 2Page - Toshiba Semiconductor TL12W02-NT30 Datasheet HTML 3Page - Toshiba Semiconductor TL12W02-NT30 Datasheet HTML 4Page - Toshiba Semiconductor TL12W02-NT30 Datasheet HTML 5Page - Toshiba Semiconductor TL12W02-NT30 Datasheet HTML 6Page - Toshiba Semiconductor TL12W02-NT30 Datasheet HTML 7Page - Toshiba Semiconductor TL12W02-NT30 Datasheet HTML 8Page - Toshiba Semiconductor TL12W02-NT30 Datasheet HTML 9Page - Toshiba Semiconductor TL12W02-NT30 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TL12W02-N(T30)
2009-01-19
6
Recommended soldering pattern
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents.
It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the
recommended conditions). In selecting the one for your actual usage, please perform sufficient review
on washing condition, using condition and etc.
ASAHI CLEAN AK-225AES: (made by ASAHI GLASS)
Precautions when Mounting
Do not apply force to the plastic part of the LED under high-temperature conditions.
To avoid damaging the LED plastic, do not apply friction using a hard material.
When installing the PCB in a product, ensure that the device does not come into contact with other cmponents.
Tape Specifications
1. Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The method of
classification is as below. (this method, however does not apply to products whose electrical characteristics
differ from standard Toshiba specifications)
(1)
Tape Type: T30 (8-mm pitch)
(2)
Example
2. Handling precautions
Tape material protected against static electricity. However, static electricity may occur depending on quantity
of charged static electricity and a device may attach to a tape, or a device may be unstable when peeling a tape
cover.
(a) Since tape materials may accumulate an electrostatic charge, use an ionizer to neutralize the ambient air.
(b) For transport and temporary storage of devices, use containers (boxes and bags) and jigs that are made of
anti-static materials or of materials which dissipate electrostatic charge.
TL12W02-N (T30)
Tape type
Toshiba product No.
3.4
0.8
7.4
3.3
単位
(mm)
Unit (mm)


Similar Part No. - TL12W02-NT30

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL12W02-D TOSHIBA-TL12W02-D Datasheet
306Kb / 10P
   LED lamps
TL12W02-DT30 TOSHIBA-TL12W02-DT30 Datasheet
306Kb / 10P
   LED lamps
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
TL12W02-LT30 TOSHIBA-TL12W02-LT30 Datasheet
305Kb / 10P
   LED lamps
More results

Similar Description - TL12W02-NT30

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com