Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3J321T Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3J321T
Description  Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J321T Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3J321T Datasheet HTML 1Page - Toshiba Semiconductor SSM3J321T Datasheet HTML 2Page - Toshiba Semiconductor SSM3J321T Datasheet HTML 3Page - Toshiba Semiconductor SSM3J321T Datasheet HTML 4Page - Toshiba Semiconductor SSM3J321T Datasheet HTML 5Page - Toshiba Semiconductor SSM3J321T Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSM3J321T
2008-10-20
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
V (BR) DSS ID = -1 mA, VGS = 0 V
-20
Drain-Source breakdown voltage
V (BR) DSX ID = -1 mA, VGS = +8 V
-12
V
Drain cut-off current
IDSS
VDS = -20 V, VGS = 0 V
-10
μA
Gate leakage current
IGSS
VGS = ±8 V, VDS = 0 V
±1
μA
Gate threshold voltage
Vth
VDS = -3 V, ID = -1 mA
-0.3
-1.0
V
Forward transfer admittance
⏐Yfs
VDS = -3 V, ID = -3.0 A
(Note 3)
6.1
12.2
S
ID = -3.0 A, VGS = -4.5 V
(Note 3)
37
46
ID = -2.0 A, VGS = -2.5 V
(Note 3)
48
62
ID = -1.0 A, VGS = -1.8 V
(Note 3)
63
88
Drain–source ON-resistance
RDS (ON)
ID = -0.3 A, VGS = -1.5 V
(Note 3)
78
137
m
Ω
Input capacitance
Ciss
640
Output capacitance
Coss
140
Reverse transfer capacitance
Crss
VDS = -10 V, VGS = 0 V, f = 1 MHz
100
pF
Total Gate Charge
Qg
8.1
Gate-Source Charge
Qgs
6.4
Gate-Drain Charge
Qgd
VDS = −10 V, ID = −4.6 A
VGS = −4.5 V
1.7
nC
Turn-on time
ton
32
Switching time
Turn-off time
toff
VDD = -10 V, ID = -2.0 A,
VGS = 0 to -2.5 V, RG = 4.7 Ω
102
ns
Drain-Source forward voltage
VDSF
ID = 5.2 A, VGS = 0 V
(Note 3)
0.86
1.2
V
Note3: Pulse test
Switching Time Test Circuit
(a) Test Circuit
(b) VIN
Notice on Usage
Vth can be expressed as the voltage between gate and source when the low operating current value is ID = -1 mA for
this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower
voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on).)
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
(c) VOUT
VDD = − 10 V
RG = 4.7 Ω
D.U.
≤ 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25°C
0
2.5V
10
μs
IN
VDD
OUT
RL
ton
90%
10%
−2.5 V
0 V
90%
10%
toff
tr
tf
VDS (ON)
VDD


Similar Part No. - SSM3J321T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J321T TOSHIBA-SSM3J321T Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
SSM3J321T VBSEMI-SSM3J321T Datasheet
501Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SSM3J321T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8121 TOSHIBA-TPC8121 Datasheet
188Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS V)
SSM6J409TU TOSHIBA-SSM6J409TU Datasheet
228Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com