Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM03U3CT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RFM03U3CT
Description  Field Effect Transistor Silicon N Channel MOS Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RFM03U3CT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RFM03U3CT Datasheet HTML 1Page - Toshiba Semiconductor RFM03U3CT Datasheet HTML 2Page - Toshiba Semiconductor RFM03U3CT Datasheet HTML 3Page - Toshiba Semiconductor RFM03U3CT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RFM03U3CT
2009-08-24
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain cut-off current
IDSS
VDS = 10 V, VGS = 0 V
10
μA
Gate-source leakage current
IGSS
VGS = 3 V
5
μA
Threshold voltage
Vth
VDS = 3.6 V, ID = 0.1 mA
0.1
0.6
1.1
V
Output power
PO
2.3
3.0
W
Drain efficiency
ηD
50
60
%
Power gain
GP
VDS = 3.6 V,
Iidle = 500 mA (VGS = adjust),
f
= 520 MHz, Pi = 0.1 W,
ZG = ZL = 50 Ω
13.6
14.8
dB
Load mismatch
VDS = 3.6 V,
PO = 3 W (Pi = adjust),
Iidle = 500 mA (VGS = adjust),
f
= 520 MHz,
VSWR LOAD 20:1 all phase
No degradation
Note 2: These characteristic values are measured using measurement tools specified by Toshiba.
Output Power Test Fixture
(Test Condition: f
= 520 MHz, VDS = 3.6 V, Iidle = 500 mA, Pi = 0.1 W)
Pi
PO
C1
C3
C7
ZG = 50 Ω
C9
L1
R1
C12
C13
L2
VGS
VDS
C8
ZL = 50 Ω
C1: 27 pF
C2: 9 pF
C3: 2 pF
C4: 33 pF
C5: 9 pF
C6: 17 pF
C7: 10000 pF
C8: 10000 pF
C9: 1000 pF
C10: 10000 pF
C11: 4.7
μF
C12: 10000 pF
C13: 4.7
μF
L1: 27
μH
L2:
φ0.6 mm enamel wire, 5.8ID, 7T
R1: 120
Ω
C5
C6
C10
C11
C4
C2


Similar Part No. - RFM03U3CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RFM03U3CT TOSHIBA-RFM03U3CT Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - RFM03U3CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM3K329R TOSHIBA-SSM3K329R Datasheet
222Kb / 7P
   Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N35FE TOSHIBA-SSM6N35FE Datasheet
193Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com