Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE46C126 Datasheet(PDF) 3 Page - Microchip Technology

Part # RE46C126
Description  CMOS Ionization Smoke Detector ASIC with Interconnect
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C126 Datasheet(HTML) 3 Page - Microchip Technology

  RE46C126 Datasheet HTML 1Page - Microchip Technology RE46C126 Datasheet HTML 2Page - Microchip Technology RE46C126 Datasheet HTML 3Page - Microchip Technology RE46C126 Datasheet HTML 4Page - Microchip Technology RE46C126 Datasheet HTML 5Page - Microchip Technology RE46C126 Datasheet HTML 6Page - Microchip Technology RE46C126 Datasheet HTML 7Page - Microchip Technology RE46C126 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RE46C126
CMOS Ionization Smoke Detector ASIC with Interconnect
R&E International
Product Specification
A Subsidiary of Microchip Technology Inc.
© 2009 Microchip Technology Inc.
DS22170A-page 3
AC Electrical Characteristics at TA = 25°C, VDD=9V, OSCAP=.1uF, RBIAS=8.2MΩ, VSS=0V (unless
otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
TPER1
12
No Alarm Condition
1.34
1.67
2
S
Oscillator Period
TPER2
12
Alarm Condition
37.5
41.5
45.8
mS
Oscillator Pulse Width
TPW
5
Operating
9.1
10.5
12.9
mS
LED On Time
TLON
5
Operating
9.1
10.5
12.9
mS
TLOF1
5
Standby, No Alarm
32
40
48
S
LED Off Time
TLOF2
5
Alarm Condition
.9
1
1.1
S
THON1
10,11
Operating, Alarm Condition, Note 4
141
166
190
mS
Horn On Time
THON2
10,11
Low Battery, No Alarm
9.4
10.5
12.9
mS
THOF1
10,11
Operating, Alarm Condition, Note 4
71
83
95
mS
Horn Off Time
THOF3
10,11
Low Battery, No Alarm
32
40
48
S
IO Charge Dump Duration
TIODMP
2
At Conclusion of Local Alarm or Test
1.34
1.67
2.0
S
IO Delay
TIODLY1
2
From Start of Local Alarm to IO Active
3
S
IO Filter
TIOFILT
2
IO pulse width guaranteed to be filtered.
IO as Input, No Local Alarm
450
mS
Remote Alarm Delay
TIODLY2
2
No Local Alarm, IO as input, From IO
active to Horn Active
.450
2.2
S
Note 4 – See the timing diagram for the horn 2/3 duty cycle pattern.


Similar Part No. - RE46C126

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
More results

Similar Description - RE46C126

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
   Ionization Smoke Detector with Interconnect
logo
Microchip Technology
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com