Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA-2018D68N Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # DA-2018D68N
Description  Detector Log Video Amplifiers (DLVA)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

DA-2018D68N Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  DA-2018D68N Datasheet HTML 1Page - American Accurate Components, Inc. DA-2018D68N Datasheet HTML 2Page - American Accurate Components, Inc. DA-2018D68N Datasheet HTML 3Page - American Accurate Components, Inc. DA-2018D68N Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Detector Log Video Amplifiers (DLVA)
The content of this specification may change without notification7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
3
American Accurate Components, Inc.
DLVA
Coaxial
0.5 to 18GHz
Continued
P/N
Freq. Range
(GHz)
TSS
(dBm)
Typ
Linearity
(dB)
Max
Dynamic
Range
(dBm)
Log Linearity
(dB)
Max
VSWR
Max
Case
DA-0520S42TA
0.5 - 2
-42
±2
-39 - +5
±0.7
2.0:1
DL1
DA-0560S42TB
0.5 - 6
-42
±2
-39 - +5
±1.0
2.5:1
DL1
DA-0518S42TA
0.5 - 18
-42
±2
-39 - +5
±0.7
3.5:1
DL1
DA-2040S42TA
2 - 4
-42
±2
-39 - +5
±0.7
2.0:1
DL1
DA-2040S42TB
2 - 4
-42
±2
-39 - +5
±1.0
2.5:1
DL1
DA-2080S41TA
2 - 8
-41
±2
-39 - +5
±0.7
2.5:1
DL1
DA-2018S40TA
2 - 18
-40
±2.5
-39 - +5
±0.7
3.5:1
DL1
DA-4080S41TA
4 - 8
-41
±2.5
-39 - +5
±0.5
2.5:1
DL1
DA-6012S41TA
6 - 12
-41
±2.5
-39 - +5
±0.5
3.0:1
DL1
DA-6012S41TB
6 - 12
-41
±2.5
-39 - +5
±1.0
2.5:1
DL1
DA-6018S41TA
6 - 18
-41
±2.5
-39 - +5
±0.5
3.5:1
DL1
DA-6018S41TB
6 - 18
-41
±2.5
-39 - +5
±1.0
2.5:1
DL1
DA-8012S41TA
8 - 12
-41
±2.5
-39 - +5
±0.5
2.5:1
DL1
DA-8018S40TA
8 - 18
-40
±2.5
-39 - +5
±0.5
2.5:1
DL1
DA-8018S41TB
8 - 18
-41
±2.5
-39 - +5
±1.0
2.5:1
DL1
DA-1218S42TA
12 - 18
-42
±2.5
-39 - +5
±0.5
2.5:1
DL1
DA-1218S42TB
12 - 18
-42
±2.5
-39 - +5
±1.0
2.5:1
DL1
General Specifications
Rise Time: 29ns(Typ)
Delay Time: <30ns
Log Slope: 50mV/dB
Maximum CW Input(No Damage):
+20dBm
Recovery Time: 500ns(@+15dB)
Power Supply:
± 12V DC
Notes:
1.
Operating Temperature : -55
OC to +85 OC. Storage Temperature : -60 OC to +90 OC.
2.
Custom Designs Available


Similar Part No. - DA-2018D68N

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
DA-24R-MV-24V FOTEK-DA-24R-MV-24V Datasheet
494Kb / 2P
   Digital Meter
DA-24T FOTEK-DA-24T Datasheet
494Kb / 2P
   Digital Meter
DA-24T-MV FOTEK-DA-24T-MV Datasheet
494Kb / 2P
   Digital Meter
DA-25T FOTEK-DA-25T Datasheet
494Kb / 2P
   Digital Meter
DA-25T-MV FOTEK-DA-25T-MV Datasheet
494Kb / 2P
   Digital Meter
More results

Similar Description - DA-2018D68N

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
RV002 FILTRONIC-RV002 Datasheet
325Kb / 2P
   DETECTOR LOG VIDEO AMPLIFIERS
logo
Analog Devices
AD8317 AD-AD8317_17 Datasheet
756Kb / 19P
   Log Detector/Controller
logo
Teledyne Technologies I...
DA2CP20047 TELEDYNE-DA2CP20047 Datasheet
376Kb / 2P
   0.5 TO 20.0 GHz LOG VIDEO AMP ANALOG DETECTOR
logo
Texas Instruments
LOG112 TI-LOG112 Datasheet
305Kb / 14P
[Old version datasheet]   LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Analog Devices
HMC613LC4B AD-HMC613LC4B Datasheet
549Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER
logo
Intronics Power, Inc.
759N INTRONICS-759N Datasheet
903Kb / 4P
   Economy, Wideband Log/Antilog Amplifiers
logo
List of Unclassifed Man...
759N ETC1-759N Datasheet
69Kb / 1P
   Economy, Wideband Log/Antilog Amplifiers
logo
Analog Devices
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Texas Instruments
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
[Old version datasheet]   Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com