Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SK2229 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. 2SK2229
Description  Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

2SK2229 Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2229
2004-07-06
5
RG = 25 Ω
VDD = 25 V, L = 7 mH
=
DD
VDSS
VDSS
AS
V
B
B
I
L
2
1
E
2
Drain-Source Voltage VDS (V)
Safe Operating Area
0.01
0.1
10
100
ID max (Continuous)
ID max (pulsed) *
DC Operation
Ta
= 25°C
10 ms *
VDSS max
100
µs *
*: Single Nonrepetitive Pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
0.1
10
100
0.001
0.01
1
1
1 ms *


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn