Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA2018N2414 Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # LA2018N2414
Description  Broadband Low Noise Small Signal Amp 0.3 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LA2018N2414 Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  LA2018N2414 Datasheet HTML 1Page - American Accurate Components, Inc. LA2018N2414 Datasheet HTML 2Page - American Accurate Components, Inc. LA2018N2414 Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
3
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Low Noise Small Signal Amplifiers
0.3 to 18GHz
Continued
P/N
Freq. Range
Gain
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
LA8012N4910
8 - 12
45
53
4.0
10
± 1.8
25
2:1
400
8I,46
LA8014N2109
8 - 14
18
24
2.5
9
± 1.4
20
2:1
150
4I,3MH
LA8014N2810
8 - 14
25
31
2.5
10
± 1.4
20
2:1
250
4I,4MH
LA8014N3510
8 - 14
32
38
2.5
10
± 1.4
20
2:1
300
6I,6MH
LA8012N1713
8 - 12
14
20
4.0
13
± 1.4
20
2:1
150
2I,2MH
LA8012N2113A
8 - 12
18
24
3.0
13
± 1.2
20
2:1
150
4I,3MH
LA8012N2815A
8 - 12
25
31
3.0
15
± 1.4
20
2:1
250
4I,4MH
LA8012N3515A
8 - 12
32
38
3.5
15
± 1.4
20
2:1
300
6I,6MH
LA8012N4215A
8 - 12
39
46
3.5
15
± 1.4
25
2:1
350
8I,46
LA8012N4915A
8 - 12
45
53
4.0
15
± 2.0
25
2:1
400
8I,46
LA8012N2113B
8 - 12
18
24
2.5
13
± 1.2
20
2:1
150
4I,3MH
LA8012N2815B
8 - 12
25
31
2.5
15
± 1.4
20
2:1
250
4I,4MH
LA8012N3515B
8 - 12
32
38
2.5
15
± 1.4
20
2:1
300
6I,6MH
LA8012N4215B
8 - 12
39
46
2.5
15
± 1.4
25
2:1
350
8I,46
LA8012N4915B
8 - 12
45
53
2.5
15
± 2.0
25
2:1
400
8I,46
LA8018N1709
8 - 18
14
20
4.0
9
± 1.4
20
2:1
180
2I,2MH
LA8018N2109
8 - 18
18
24
3.0
9
± 1.4
20
2:1
180
4I,3MH
LA8018N2810
8 - 18
25
32
3.0
10
± 1.5
20
2:1
280
4I,4MH
LA8018N3510
8 - 18
32
39
3.5
10
± 1.8
20
2:1
350
6I,6MH
LA8018N4210
8 - 18
39
46
3.5
10
± 2.0
25
2:1
380
8I,46
LA8018N4910
8 - 18
45
53
4.0
10
± 2.0
25
2:1
450
8I,46
LA8018N1713
8 - 18
14
20
4.0
13
± 1.8
20
2:1
180
2I,2MH
LA8018N2113
8 - 18
18
24
3.0
13
± 1.4
20
2:1
180
4I,3MH
LA8018N2815
8 - 18
25
32
3.0
15
± 1.5
20
2:1
280
4I,4MH
LA8018N3515
8 - 18
32
39
3.5
15
± 1.8
20
2:1
350
6I,6MH
LA8018N4215
8 - 18
39
46
3.5
15
± 2.0
25
2:1
380
8I,46
LA8018N4915
8 - 18
45
53
4.0
15
± 2.0
25
2:1
450
8I,46
Notes:
1. Operating Temperature : -55
OC to +85 OC. Storage Temperature : -60 OC to +90 OC.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle.
6. Custom Design Available


Similar Part No. - LA2018N2414

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
LA2018N2420 AAC-LA2018N2420 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
More results

Similar Description - LA2018N2414

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
logo
United Monolithic Semic...
CHA3218-99F UMS-CHA3218-99F_15 Datasheet
421Kb / 10P
   2-18GHz Low Noise Amplifier
logo
American Accurate Compo...
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com