Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLHB31B7-2600-G Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # LLHB31B7-2600-G
Description  SMT Hybrid Coupler 3dB 90째.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LLHB31B7-2600-G Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  LLHB31B7-2600-G Datasheet HTML 1Page - American Accurate Components, Inc. LLHB31B7-2600-G Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EIA SIZE 1206 LLHB31B7-2600-G (2500~2700MHz)
Typical Performance
Insertion-Loss Data
Isolation Data
[dB]
(4dB max.)
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
OUT2 Port
[dB]
0
-5
-10
-15
(15dB min.)
-3.0
-3.5
-4.0
-4.5
-5.0
2400
2500
2600
OUT1 Port
2700
2800
[MHz]
-20
-25
-30
2400
2500
2600
2700
2800
[MHz]
VSWR Data
Phase Data
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
(1.5 max.)
INPUT Port
OUT1 Port
OUT2 Port
[deg.]
95
94
93
92
91
90
89
88
87
86
85
(90±3deg.)
2400
2500
2600
2700
2800
[MHz]
2400
2500
2600
2700
2800
[MHz]
American Accurate Components, Inc.
Laminated 90 deg. 3dB Hybrid
The content of this specification may change without notification 09/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888 FAX: 949-453-8889


Similar Part No. - LLHB31B7-2600-G

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
LLHB31B2-1475-G AAC-LLHB31B2-1475-G Datasheet
132Kb / 2P
   SMT Hybrid Coupler 3dB 90 deg.
LLHB31B4-1915-G AAC-LLHB31B4-1915-G Datasheet
132Kb / 2P
   SMT Hybrid Coupler 3dB 90째.
LLHB31B5-2150-G AAC-LLHB31B5-2150-G Datasheet
134Kb / 2P
   SMT Hybrid Coupler 3dB 90째.
LLHB31B6-2450-G AAC-LLHB31B6-2450-G Datasheet
130Kb / 2P
   SMT Hybrid Coupler 3dB 90째.
More results

Similar Description - LLHB31B7-2600-G

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
LLHB31B6-2450-G AAC-LLHB31B6-2450-G Datasheet
130Kb / 2P
   SMT Hybrid Coupler 3dB 90째.
LLHB31B5-2150-G AAC-LLHB31B5-2150-G Datasheet
134Kb / 2P
   SMT Hybrid Coupler 3dB 90째.
LLHB31B4-1915-G AAC-LLHB31B4-1915-G Datasheet
132Kb / 2P
   SMT Hybrid Coupler 3dB 90째.
LLHB5402-0665-G AAC-LLHB5402-0665-G Datasheet
106Kb / 1P
   SMT Hybrid Coupler 3dB 90째.
LLHB6801-0200-G AAC-LLHB6801-0200-G Datasheet
104Kb / 1P
   Hybrid Coupler 3dB 90째
LLHB31B2-1475-G AAC-LLHB31B2-1475-G Datasheet
132Kb / 2P
   SMT Hybrid Coupler 3dB 90 deg.
JXWBOH-T-2.4-6 AAC-JXWBOH-T-2.4-6 Datasheet
74Kb / 1P
   3dB Directional 90째 Coupler
logo
Abracon Corporation
ABHC-N-1700-2200MHZ ABRACON-ABHC-N-1700-2200MHZ Datasheet
4Mb / 3P
   3dB; 90? HYBRID COUPLER
12.04.15
ABHC-S-698-1000MHZ ABRACON-ABHC-S-698-1000MHZ Datasheet
4Mb / 3P
   3dB; 90? HYBRID COUPLER
12.04.15
logo
Anaren Microwave
1M803S ANAREN-1M803S_07 Datasheet
171Kb / 4P
   Micro Xinger 3dB Hybrid Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com