Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBVCO-A-700-1050 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBVCO-A-700-1050
Description  Voltage Controlled Oscillators 4 to 2500MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBVCO-A-700-1050 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBVCO-A-700-1050 Datasheet HTML 1Page - American Accurate Components, Inc. JXWBVCO-A-700-1050 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Controlled Oscillators 4 to 2500MHz
The content of this specification may change without notification 10/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Oscillators
D
A2
Voltage
Controlled
Oscillators
4
to
2500MHz
Plug- in
P/N
Freq. Range
Tuning Voltage
Range
Tuning
Sensitivity
Phase Noise
(dBc/Hz)
DC
Supply
Power
Output
Power Output
Flatness
Case
(MHz)
(V)
(MHz/V)
@10KHz
@100KHz
(V)
(dBm)
(dBm)
JXWBVCO-D-4-8
4-8
1.0-16
0.5-1.5
-110
-130
+12
9
±2
D
JXWBVCO-A-4-8
4-8
1.0-16
0.5-1.5
-110
-130
+12
9
±2
A2
JXWBVCO-D-4-15
4-15
1.0-16
1.0-2.0
-110
-130
+12
9
±2
D
JXWBVCO-A-4-15
4-15
1.0-16
1.0-2.0
-110
-130
+12
9
±2
A2
JXWBVCO-D-4-30
4-30
1.0-16
1.0-2.0
-110
-130
+12
9
±2
D
JXWBVCO-A-4-30
4-30
1.0-16
1.0-2.0
-110
-130
+12
9
±2
A2
JXWBVCO-D-25-50
25-50
1.0-16
1.0-2.0
-100
-120
+12
9
±2
D
JXWBVCO-A-25-50
25-50
1.0-16
1.0-2.0
-100
-120
+12
9
±2
A2
JXWBVCO-D-37-75
37-75
1.0-16
1.8-3.0
-100
-120
+12
9
±2
D
JXWBVCO-A-37-75
37-75
1.0-16
1.8-3.0
-100
-120
+12
9
±2
A2
JXWBVCO-D-50-100
50-100
1.0-16
2.4-3.5
-100
-120
+12
9
±2
D
JXWBVCO-A-50-100
50-100
1.0-16
2.4-3.5
-100
-120
+12
9
±2
A2
JXWBVCO-D-75-150
75-150
1.0-16
5.0-6.8
-100
-120
+12
9
±2
D
JXWBVCO-A-75-150
75-150
1.0-16
5.0-6.8
-100
-120
+12
9
±2
A2
JXWBVCO-D-105-200
105-200
1.0-16
6.0-8.5
-97
-118
+12
9
±2
D
JXWBVCO-A-105-200
105-200
1.0-16
6.0-8.5
-97
-118
+12
9
±2
A2
JXWBVCO-D-160-300
160-300
1.0-16
7.5-9.5
-93
-114
+12
9
±2
D
JXWBVCO-A-160-300
160-300
1.0-16
7.5-9.5
-93
-114
+12
9
±2
A2
JXWBVCO-D-220-400
220-400
1.0-16
11-17
-90
-110
+12
9
±2
D
JXWBVCO-A-220-400
220-400
1.0-16
11-17
-90
-110
+12
9
±2
A2
JXWBVCO-D-320-550
320-550
1.0-16
13-21
-85
-105
+12
9
±2
D
JXWBVCO-A-320-550
320-550
1.0-16
13-21
-85
-105
+12
9
±2
A2
JXWBVCO-D-480-760
480-760
1.0-16
15-25
-85
-105
+12
9
±2
D
JXWBVCO-A-480-760
480-760
1.0-16
15-25
-85
-105
+12
9
±2
A2
JXWBVCO-D-500-900
500-900
1.0-20
16-40
-80
-105
+12
8
±2
D
JXWBVCO-A-500-900
500-900
1.0-20
16-40
-80
-105
+12
8
±2
A2
JXWBVCO-D-700-1050
700-1050
1.0-20
18-35
-80
-100
+12
8
±2
D
JXWBVCO-A-700-1050
700-1050
1.0-20
18-35
-80
-100
+12
8
±2
A2
JXWBVCO-D-850-1200
850-1200
1.0-20
18-35
-80
-100
+12
8
±2
D
JXWBVCO-A-850-1200
850-1200
1.0-20
18-35
-80
-100
+12
8
±2
A2
JXWBVCO-D-970-1400
970-1400
1.0-20
16-40
-80
-100
+12
8
±2
D
JXWBVCO-A-970-1400
970-1400
1.0-20
16-40
-80
-100
+12
8
±2
A2
JXWBVCO-D-1350-1800
1350-1800
1.0-20
18-35
-80
-100
+12
8
±2
D
JXWBVCO-A-1350-1800
1350-1800
1.0-20
18-35
-80
-100
+12
8
±2
A2
JXWBVCO-D-1650-2100
1650-2100
1.0-20
16-40
-80
-100
+12
8
±2
D
JXWBVCO-A-1650-2100
1650-2100
1.0-20
16-40
-80
-100
+12
8
±2
A2
JXWBVCO-D-1800-2500
1800-2500
1.0-20
18-45
-80
-100
+12
8
±2
D
JXWBVCO-A-1800-2500
1800-2500
1.0-20
18-45
-80
-100
+12
8
±2
A2
JXWBVCO-D-120-200
120-200
1.0-12
6.0±2.0
-106
-126
+12
8
±2
D
JXWBVCO-D-200-300
200-300
1.0-12
8.0±2.0
-105
-125
+12
8
±2
D
JXWBVCO-D-300-400
300-400
1.0-12
8.0±2.0
-105
-125
+12
9
±2
D
JXWBVCO-D-500-600
500-600
1.0-12
8.0±2.0
-103
-123
+12
9
±2
D
JXWBVCO-D-750-850
750-850
1.0-12
8.0±2.0
-100
-120
+12
9
±2
D
JXWBVCO-D-850-950
850-950
1.0-12
8.0±2.0
-100
-120
+12
8
±2
D
JXWBVCO-D-1050-1200
1050-1200
1.0-12
13±2.0
-90
-110
+12
8
±2
D
JXWBVCO-D-1200-1400
1200-1400
1.0-12
13±2.0
-90
-110
+12
8
±2
D
JXWBVCO-D-1300-1600
1300-1600
1.0-12
18±2.0
-85
-105
+12
8
±2
D
JXWBVCO-D-1450-1700
1450-1700
1.0-12
17±3.0
-85
-105
+12
8
±2
D
JXWBVCO-D-1550-1800
1550-1800
1.0-12
17±3.0
-85
-105
+12
8
±2
D
JXWBVCO-D-1650-1900
1650-1900
1.0-12
17±3.0
-85
-105
+12
8
±2
D
JXWBVCO-D-1700-2000
1700-2000
1.0-12
17±3.0
-85
-105
+12
8
±2
D


Similar Part No. - JXWBVCO-A-700-1050

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBVCO-S-1040-1540 AAC-JXWBVCO-S-1040-1540 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1050-1200 AAC-JXWBVCO-S-1050-1200 Datasheet
59Kb / 1P
   Voltage Controlled Oscillators 120 to 2000MHz
JXWBVCO-S-1080-1105 AAC-JXWBVCO-S-1080-1105 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1125-1150 AAC-JXWBVCO-S-1125-1150 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1162-1187 AAC-JXWBVCO-S-1162-1187 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
More results

Similar Description - JXWBVCO-A-700-1050

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
American Accurate Compo...
JXWBVCO-S-120-200 AAC-JXWBVCO-S-120-200 Datasheet
59Kb / 1P
   Voltage Controlled Oscillators 120 to 2000MHz
logo
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com