Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC1313-1H1EMF Datasheet(PDF) 24 Page - Microchip Technology

Part No. TC1313-1H1EMF
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-1H1EMF Datasheet(HTML) 24 Page - Microchip Technology

Back Button TC1313-1H1EMF Datasheet HTML 20Page - Microchip Technology TC1313-1H1EMF Datasheet HTML 21Page - Microchip Technology TC1313-1H1EMF Datasheet HTML 22Page - Microchip Technology TC1313-1H1EMF Datasheet HTML 23Page - Microchip Technology TC1313-1H1EMF Datasheet HTML 24Page - Microchip Technology TC1313-1H1EMF Datasheet HTML 25Page - Microchip Technology TC1313-1H1EMF Datasheet HTML 26Page - Microchip Technology TC1313-1H1EMF Datasheet HTML 27Page - Microchip Technology TC1313-1H1EMF Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
TC1313
DS21974B-page 24
© 2009 Microchip Technology Inc.
/HDG3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 0) ± [[
PP%RG\ >')1@
1RWHV
3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD
3DFNDJH PD\ KDYH RQH RU PRUH H[SRVHG WLH EDUV DW HQGV
3DFNDJH LV VDZ VLQJXODWHG
'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <
0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZ PLFURFKLSFRP SDFNDJLQJ
8QLWV0,//,0(7(56
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV1
3LWFK
H
%6&
2YHUDOO +HLJKW
$
6WDQGRII
$
&RQWDFW 7KLFNQHVV
$
5()
2YHUDOO /HQJWK
'
%6&
([SRVHG 3DG /HQJWK
'
2YHUDOO :LGWK
(
%6&
([SRVHG 3DG :LGWK
(
&RQWDFW :LGWK
E
&RQWDFW /HQJWK
/
&RQWDFW WR([SRVHG 3DG
.
±
±
D
N
NOTE 1
1
2
E
b
e
N
L
E2
NOTE 1
1
2
D2
K
EXPOSED
PAD
BOTTOM VIEW
TOP VIEW
A3
A1
A
NOTE 2
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn