Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC1313-1H1EMF Datasheet(PDF) 22 Page - Microchip Technology

Part No. TC1313-1H1EMF
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

TC1313-1H1EMF Datasheet(HTML) 22 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TC1313
DS21974B-page 22
© 2009 Microchip Technology Inc.
5.8
Design Example
VOUT1 = 2.0V @ 500 mA
VOUT2 = 3.3V @ 300 mA
VIN =5V ±10%
L= 4.7 µH
Calculate PWM mode inductor ripple current
Nominal Duty
Cycle = 2.0V/5.0V = 40%
P-channel
Switch-on time = 0.40 x 1/(2 MHz) = 200 ns
VL =(VIN-VOUT1)=3V
ΔIL =(VL/L) x TON =128 mA
Peak inductor current:
IL(PK) =IOUT1+1/2ΔIL = 564 mA
Switcher power loss:
Use efficiency estimate for 1.8V from Figure 2-7
Efficiency = 84%, PDISS1 =190 mW
Resistor Divider:
RTOP =200 kΩ
RBOT =133 kΩ
LDO Output:
PDISS2 =(VIN(MAX)
VOUT2(MIN))x IOUT2(MAX)
PDISS2 = (5.5V – (0.975) x 3.3V) x 300 mA
PDISS2 =684.8 mW
Total
Dissipation = 190 mW + 685 mW = 875 mW
Junction Temp Rise and Maximum Ambient
Operating Temperature Calculations
10-Pin MSOP
(4-Layer Board with internal Planes)
R
θJA =113° C/Watt
Junction Temp.
Rise = 875 mW x 113° C/Watt = 98.9°C
Max. Ambient
Temperature = 125°C - 98.9°C
Max. Ambient
Temperature = 26.1°C
10-Pin DFN
R
θJA = 41° C/Watt (4-Layer Board with
internal planes and 2 vias)
Junction Temp.
Rise = 875 mW x 41° C/Watt = 35.9°C
Max. Ambient
Temperature = 125°C - 35.9°C
Max. Ambient
Temperature = 89.1°C
This is above the +85°C max. ambient temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn