Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBOH-T-9.0-10-10 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBOH-T-9.0-10-10
Description  Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBOH-T-9.0-10-10 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBOH-T-9.0-10-10 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Coupler
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Coupler
P/N: JXWBOH-T-9.0-10-10
Frequency Range(GHz)
9.0 ~ 10
Coupling(dB)
10
Coupling Flatness(dB)
±0.75 max
Insertion Loss(dB)
0.7 max
Directivity(dB)
15 min
VSWR
1.50:1 max
Power(W)
1
Connector
SMA-Female
Size(mm)
30 x 16 x 13
Net Weight(Kg)
0.03 Around
Outline Drawing (Size: mm)
For current data sheets, please contact: sales@aacix.com


Similar Part No. - JXWBOH-T-9.0-10-10

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBOH-T-9.0-9.6-6 AAC-JXWBOH-T-9.0-9.6-6 Datasheet
93Kb / 1P
   Coupler
More results

Similar Description - JXWBOH-T-9.0-10-10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
   Coupler
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
   Coupler
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
   Coupler
07.13
logo
American Accurate Compo...
JXWBOH-T-450-890-7 AAC-JXWBOH-T-450-890-7 Datasheet
41Kb / 1P
   Coupler
JXWBOH-T-450-890-10 AAC-JXWBOH-T-450-890-10 Datasheet
45Kb / 1P
   Coupler
logo
M/A-COM Technology Solu...
MACP-010383-CH0A40 MA-COM-MACP-010383-CH0A40_15 Datasheet
121Kb / 4P
   Coupler
MACP-010389-CE0880 MA-COM-MACP-010389-CE0880_15 Datasheet
120Kb / 4P
   Coupler
logo
Pulse A Technitrol Comp...
CX3201NL PULSE-CX3201NL Datasheet
159Kb / 2P
   COUPLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com