Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBOH-B201-5 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBOH-B201-5
Description  Broadband Directional Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBOH-B201-5 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBOH-B201-5 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Broadband Directional Coupler
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Broadband Directional Coupler
P/N: JXWBOH-B201-5
Frequency Range(GHz)
0.8-2.5
Coupling(dB)
5±1.0
Insertion Loss(dB)
2.4 max
Isolation
21 min
Mainline VSWR
1.3 max
Coupling Port VSWR
1.35 max
Power Handling(W)
50 CW
Connector
SMA-Female
Operating Temperature(°C)
-55 ~ +85
Storage Temperature(°C)
-60 ~ +100
Outline Drawing (Size: mm)
For current data sheets, please contact: sales@aacix.com


Similar Part No. - JXWBOH-B201-5

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBOH-A1204-15A2 AAC-JXWBOH-A1204-15A2 Datasheet
99Kb / 1P
   Directional Coupler
JXWBOH-A204-10A2 AAC-JXWBOH-A204-10A2 Datasheet
63Kb / 1P
   Coupler
JXWBOH-T-10-500-10 AAC-JXWBOH-T-10-500-10 Datasheet
37Kb / 1P
   Directional Coupler
JXWBOH-T-1000-3100-10 AAC-JXWBOH-T-1000-3100-10 Datasheet
70Kb / 1P
   Directional Coupler
JXWBOH-T-1000-4000-10 AAC-JXWBOH-T-1000-4000-10 Datasheet
62Kb / 1P
   Ultra-Broadband Directional Coupler (SMA Connectors)
More results

Similar Description - JXWBOH-B201-5

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C0518 APITECH-C0518 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-11 APITECH-C218-11 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-10 APITECH-C218-10 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-21 APITECH-C118-21 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-20 APITECH-C118-20 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-17 APITECH-C118-17 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C118-16 APITECH-C118-16 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
logo
M/A-COM Technology Solu...
MACP-009945-CH0670 MA-COM-MACP-009945-CH0670_15 Datasheet
127Kb / 3P
   Broadband CATV 17.5 dB Directional Coupler
MACP-009943-CH07F0 MA-COM-MACP-009943-CH07F0_15 Datasheet
124Kb / 3P
   Broadband CATV 17 dB Directional Coupler
logo
API Technologies Corp
C118-10 APITECH-C118-10 Datasheet
164Kb / 2P
   DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com