Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-RS0EMFTR Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1313-RS0EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-RS0EMFTR Datasheet(HTML) 2 Page - Microchip Technology

  TC1313-RS0EMFTR Datasheet HTML 1Page - Microchip Technology TC1313-RS0EMFTR Datasheet HTML 2Page - Microchip Technology TC1313-RS0EMFTR Datasheet HTML 3Page - Microchip Technology TC1313-RS0EMFTR Datasheet HTML 4Page - Microchip Technology TC1313-RS0EMFTR Datasheet HTML 5Page - Microchip Technology TC1313-RS0EMFTR Datasheet HTML 6Page - Microchip Technology TC1313-RS0EMFTR Datasheet HTML 7Page - Microchip Technology TC1313-RS0EMFTR Datasheet HTML 8Page - Microchip Technology TC1313-RS0EMFTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TC1313
DS21974B-page 2
© 2009 Microchip Technology Inc.
Functional Block Diagram
Synchronous Buck Regulator
NDRV
PDRV
PGND
VIN1
LX
Driver
PGND
Control
VOUT1/VFB1
VIN2
SHDN1
VREF
LDO
VOUT2
AGND
AGND
PGND
Undervoltage Lockout
UVLO
UVLO
SHDN2
VREF
(UVLO)


Similar Part No. - TC1313-RS0EMFTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313-AA0EMF MICROCHIP-TC1313-AA0EMF Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313-AA0EMFTR MICROCHIP-TC1313-AA0EMFTR Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313-AA0EUN MICROCHIP-TC1313-AA0EUN Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313-AA0EUNTR MICROCHIP-TC1313-AA0EUNTR Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1313-AA1EMF MICROCHIP-TC1313-AA1EMF Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
More results

Similar Description - TC1313-RS0EMFTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com