Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBKG-8-D24-111 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBKG-8-D24-111
Description  Absorptive Switches 0.02 to 18GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBKG-8-D24-111 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBKG-8-D24-111 Datasheet HTML 1Page - American Accurate Components, Inc. JXWBKG-8-D24-111 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absorptive Switches 0.02 to 18GHz
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
1
1
1
R
P/N
Freq. Range
(GHz)
Type
Insertion Loss
(dB)
Max
VSWR
Max
Isolation
(dB)
Min
Switching Speed
(ns)
Max
Power Handling
(W)
Max
Case
JXWBKG-1-223-111
2-18
SPST
3.1
2.2
60
50
0.2
W101, W102, W103
JXWBKG-2-223-11
2-18
SP2T
3.2
2.2
60
50
0.2
W201, W202, W203
JXWBKG-3-223-111
2-18
SP3T
3.3
2.2
60
50
0.2
W301, W302
JXWBKG-4-223-11
2-18
SP4T
3.5
2.2
60
50
0.2
W401, W402, W403
JXWBKG-5-223-111
2-18
SP5T
3.6
2.2
60
50
0.2
W501, W502
JXWBKG-6-223-11
2-18
SP6T
3.8
2.2
60
50
0.2
W602, W603
JXWBKG-7-223-111
2-18
SP7T
4.2
2.2
60
50
0.2
W702, W703
PIN Switches
Absorptive Switches
0. 02 to 18GHz
Notes: For SPST being used as modulator, package options are X101, X103, X104, and X105.
Coaxial
P/N
Freq. Range
(GHz)
Type
Insertion Loss
(dB)
Max
VSW
Max
Isolation
(dB)
Min
Switching Speed
(ns)
Max
Power Handling
(W)
Max
Case
JXWBKG-1-A24-111
0.02-0.5
SPST
1.4
1.5
80
100-500
0.2-1
W101, W102, W103
JXWBKG-2-A24-111
0.02-0.5
SP2T
1.5
1.5
80
100-500
0.2-1
W201, W202, W203
JXWBKG-3-A24-111
0.02-0.5
SP3T
1.5
1.5
80
100-500
0.2-1
W301, W302
JXWBKG-4-A24-111
0.02-0.5
SP4T
1.6
1.5
80
100-500
0.2-1
W401, W402, W403
JXWBKG-5-A24-111
0.02-0.5
SP5T
1.6
1.5
80
100-500
0.2-1
W501, W502
JXWBKG-6-A24-111
0.02-0.5
SP6T
1.7
1.5
80
100-500
0.2-1
W602, W603
JXWBKG-7-A24-111
0.02-0.5
SP7T
1.8
1.5
80
100-500
0.2-1
W702, W703
JXWBKG-8-A24-111
0.02-0.5
SP8T
1.9
1.5
80
100-500
0.2-1
W802
JXWBKG-1-B24-111
0.5-1
SPST
1.5
1.5
80
100
0.2
W101, W102, W103
JXWBKG-2-B24-111
0.5-1
SP2T
1.6
1.5
80
100
0.2
W201, W202, W203
JXWBKG-3-B24-111
0.5-1
SP3T
1.6
1.5
80
100
0.2
W301, W302
JXWBKG-4-B24-111
0.5-1
SP4T
1.7
1.5
80
100
0.2
W401, W402, W403
JXWBKG-5-B24-111
0.5-1
SP5T
1.7
1.5
80
100
0.2
W501, W502
JXWBKG-6-B24-111
0.5-1
SP6T
1.8
1.5
80
100
0.2
W602, W603
JXWBKG-7-B24-111
0.5-1
SP7T
1.9
1.5
80
100
0.2
W702, W703
JXWBKG-8-B24-111
0.5-1
SP8T
2.0
1.5
80
100
0.2
W802
JXWBKG-1-C24-111
1-2
SPST
1.0
1.5
80
50
0.2
W101, W102, W103
JXWBKG-2-C24-111
1-2
SP2T
1.2
1.5
80
50
0.2
W201, W202, W203
JXWBKG-3-C24-111
1-2
SP3T
1.4
1.5
80
50
0.2
W301, W302
JXWBKG-4-C24-111
1-2
SP4T
1.4
1.5
80
50
0.2
W401, W402, W403
JXWBKG-5-C24-111
1-2
SP5T
1.5
1.5
80
50
0.2
W501, W502
JXWBKG-6-C24-111
1-2
SP6T
1.6
1.5
80
50
0.2
W602, W603
JXWBKG-7-C24-111
1-2
SP7T
1.6
1.5
80
50
0.2
W702, W703
JXWBKG-8-C24-111
1-2
SP8T
1.7
1.5
80
50
0.2
W802
JXWBKG-1-D24-111
2-4
SPST
1.6
1.5
80
50
0.2
W101, W102, W103
JXWBKG-2-D24-111
2-4
SP2T
1.8
1.5
80
50
0.2
W201, W202, W203
JXWBKG-3-D24-111
2-4
SP3T
1.8
1.5
80
50
0.2
W301, W302
JXWBKG-4-D24-111
2-4
SP4T
1.8
1.5
80
50
0.2
W401, W402, W403
JXWBKG-5-D24-111
2-4
SP5T
1.9
1.5
80
50
0.2
W501, W502
JXWBKG-6-D24-111
2-4
SP6T
2.0
1.5
80
50
0.2
W602, W603
JXWBKG-7-D24-111
2-4
SP7T
2.0
1.5
80
50
0.2
W702, W703
JXWBKG-8-D24-111
2-4
SP8T
2.0
1.5
80
50
0.2
W802


Similar Part No. - JXWBKG-8-D24-111

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-8-D14-111 AAC-JXWBKG-8-D14-111 Datasheet
108Kb / 2P
   Reflective Switches 0.02 to 18GHz
More results

Similar Description - JXWBKG-8-D24-111

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-1-213-111 AAC-JXWBKG-1-213-111 Datasheet
108Kb / 2P
   Reflective Switches 0.02 to 18GHz
logo
Skyworks Solutions Inc.
SKY13384-350LF SKYWORKS-SKY13384-350LF Datasheet
989Kb / 12P
   0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
SKY13392-359LF SKYWORKS-SKY13392-359LF Datasheet
980Kb / 10P
   0.02-4.0 GHz High Isolation SP4T Absorptive Switch With Decoder
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
logo
Dielectric Laboratories...
FPC06075 DILABS-FPC06075 Datasheet
345Kb / 2P
   12 to 18GHz 10dB Directional Coupler
FPC06078 DILABS-FPC06078 Datasheet
337Kb / 2P
   12 to 18GHz 20dB Directional Coupler
logo
American Accurate Compo...
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
logo
Knowles Electronics
FPC06154 KNOWLES-FPC06154 Datasheet
295Kb / 2P
   12 to 18GHz 20dB Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com