Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBHC-T-6-800-2000 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBHC-T-6-800-2000
Description  6-Way Power Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBHC-T-6-800-2000 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBHC-T-6-800-2000 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Divider
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
6-Way Power Combiner
P/N: JXWBHC-T-6-800-2000
Frequency Range(GHz)
0.8-2
Insertion Loss(dB)
1.6 max
Isolation(dB)
18 min
Power Handling(W)
10 CW (output VSWR <1.5)
Phase Balance(º)
8 max
Amplitude Balance(dB)
0.5 max
Input VSWR
1.6:1 max
Output VSWR
1.5:1 max
Impedance(Ohm)
50
Connector
SMA-Female
Operating Temperature(ºC)
-55 ~ +85
Storage Temperature(ºC)
-60 ~ +90
Relative Humidity
0~90%
Net Weight(Kg)
0.17 Around
Outline Drawing (Size: mm)
For current data sheets, please contact: sales@aacix.com


Similar Part No. - JXWBHC-T-6-800-2000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBHC-T-16-800-2000 AAC-JXWBHC-T-16-800-2000 Datasheet
50Kb / 1P
   16-Way Power Combiner
JXWBHC-T-2-800-2000 AAC-JXWBHC-T-2-800-2000 Datasheet
50Kb / 1P
   2-Way Power Combiner
JXWBHC-T-2-800-2500 AAC-JXWBHC-T-2-800-2500 Datasheet
95Kb / 1P
   2-Way Power Combiner
JXWBHC-T-4-800-2000 AAC-JXWBHC-T-4-800-2000 Datasheet
49Kb / 1P
   4-Way Power Combiner
JXWBHC-T-8-800-2000 AAC-JXWBHC-T-8-800-2000 Datasheet
51Kb / 1P
   8-Way Power Combiner
More results

Similar Description - JXWBHC-T-6-800-2000

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-455 JFW-50PD-455 Datasheet
26Kb / 1P
   6 WAY REACTIVE POWER DIVIDER/COMBINER
logo
BOWEI Integrated Circui...
HE022-6A BOWEI-HE022-6A Datasheet
60Kb / 1P
   6 way 0 power Combiner/Splitter
HE021-6 BOWEI-HE021-6 Datasheet
86Kb / 1P
   6 way 0 power Combiner/Splitter
logo
JFW Industries, Inc.
50PD-790 JFW-50PD-790 Datasheet
68Kb / 1P
   6 WAY RESISTIVE POWER DIVIDER/COMBINER
logo
American Accurate Compo...
JXWBHC-T-2-800-2000 AAC-JXWBHC-T-2-800-2000 Datasheet
50Kb / 1P
   2-Way Power Combiner
JXWBHC-T-4-800-2000 AAC-JXWBHC-T-4-800-2000 Datasheet
49Kb / 1P
   4-Way Power Combiner
JXWBHC-T-2-800-2500 AAC-JXWBHC-T-2-800-2500 Datasheet
95Kb / 1P
   2-Way Power Combiner
JXWBHC-T-16-800-2000 AAC-JXWBHC-T-16-800-2000 Datasheet
50Kb / 1P
   16-Way Power Combiner
JXWBHC-T-8-800-2000 AAC-JXWBHC-T-8-800-2000 Datasheet
51Kb / 1P
   8-Way Power Combiner
logo
BOWEI Integrated Circui...
HE021-2A BOWEI-HE021-2A Datasheet
65Kb / 1P
   2 way 0 power combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com