Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SJ74 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. 2SJ74
Description  P CHANNEL JUNCTION TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

2SJ74 Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SJ74
2003-03-25
1
TOSHIBA Field Effect Transistor
Silicon P Channel Junction Type
2SJ74
Low Noise Audio Amplifier Applications
· Recommended for first stages of EQ amplifiers and M.C. head
amplifiers.
· High |Yfs|: |Yfs| = 22 mS (typ.)
(VDS = −10 V, VGS = 0, IDSS = −3 mA)
· Low noise: En = 0.95 nV/Hz1/2 (typ.)
(VDS = −10 V, ID = −1 mA, f = 1 kHz)
· High input impedance: IGSS = 1.0 nA (max) (VGS = 25 V)
· Complimentary to 2SK170
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDS
25
V
Gate current
IG
-10
mA
Drain power dissipation
PD
400
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate cut-off current
IGSS
VGS = 25 V, VDS = 0
¾
¾
1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IG = 100 mA
25
¾
¾
V
Drain current
IDSS
(Note)
VDS = -10 V, VGS = 0
-2.6
¾
-20
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = -10 V, ID = -0.1 mA
0.15
¾
2.0
V
Forward transfer admittance
ïYfsï
VDS = -10 V, VGS = 0, f = 1 kHz
8
22
¾
mS
Input capacitance
Ciss
VDS = -10 V, VGS = 0, f = 1 MHz
¾
105
¾
pF
Reverse transfer capacitance
Crss
VDG = -10 V, ID = 0, f = 1 MHz
¾
32
¾
pF
NF (1)
VDS = -10 V, ID = -1 mA, RG = 1 kW,
f
= 10 Hz
¾
1.0
10
Noise figure
NG (2)
VDS = -10 V, ID = -1 mA, RG = 1 kW,
f
= 1 kHz
¾
0.5
2
dB
Note: IDSS classification GR: -2.6~-6.5 mA, BL: -6.0~-12 mA, V: -10~-20 mA
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1D
Weight: 0.21 g (typ.)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn