Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBGF-T-2-2300-5300 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBGF-T-2-2300-5300
Description  2-Way Power Divider
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBGF-T-2-2300-5300 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBGF-T-2-2300-5300 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Divider
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
2-Way Power Divider
P/N: JXWBGF-T-2-2300-5300
Frequency Range(GHz)
2.3-5.3
Insertion Loss(dB)
0.8 max
Isolation(dB)
20 min
Phase Unbalance(º)
6 max
Amplitude Unbalance(dB)
0.4 max
VSWR
1.3:1 max
Connector
N-Female
Operating Temperature(°C)
-40 ~ +80
Storage Temperature(°C)
-55 ~ +85
Outline Drawing (Size: mm)
For current data sheets, please contact: sales@aacix.com


Similar Part No. - JXWBGF-T-2-2300-5300

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-2-2000-18000 AAC-JXWBGF-T-2-2000-18000 Datasheet
62Kb / 1P
   Ultra Broadband Power Divider (SMA Connectors)
JXWBGF-T-2-2000-4000 AAC-JXWBGF-T-2-2000-4000 Datasheet
70Kb / 1P
   General Power Divider (SMA Connectors)
JXWBGF-T-2-2000-8000 AAC-JXWBGF-T-2-2000-8000 Datasheet
70Kb / 1P
   Broadband Power Divider (SMA Connectors)
JXWBGF-T-2-2200-2400 AAC-JXWBGF-T-2-2200-2400 Datasheet
69Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-2200-2700-80 AAC-JXWBGF-T-2-2200-2700-80 Datasheet
65Kb / 1P
   2-Way Power Divider
More results

Similar Description - JXWBGF-T-2-2300-5300

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPES0045 MA-COM-MACPES0045_15 Datasheet
96Kb / 4P
   2 Way Power Divider
logo
American Accurate Compo...
JXWBGF-T-2-2490-2690 AAC-JXWBGF-T-2-2490-2690 Datasheet
60Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-4000-6000 AAC-JXWBGF-T-2-4000-6000 Datasheet
70Kb / 1P
   2-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
P2D2001800 SYNERGY-P2D2001800 Datasheet
386Kb / 3P
   2-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-009918-C209C0 MA-COM-MAPD-009918-C209C0 Datasheet
180Kb / 4P
   2 Way Power Divider
MAPDCT0024 MA-COM-MAPDCT0024 Datasheet
161Kb / 4P
   2 Way Power Divider
logo
American Accurate Compo...
JXWBGF-T-2-0.2-1000 AAC-JXWBGF-T-2-0.2-1000 Datasheet
80Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-0-3000 AAC-JXWBGF-T-2-0-3000 Datasheet
67Kb / 1P
   2-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
M2D2428 SYNERGY-M2D2428 Datasheet
81Kb / 2P
   2-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960_15 Datasheet
98Kb / 4P
   2 Way Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com