Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CA4080N2815 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part No. CA4080N2815
Description  Broadband Small Signal Amplifier 0.5 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAC [American Accurate Components, Inc.]
Homepage  http://www.aacix.com
Logo 

CA4080N2815 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Broadband Small Signal Amplifier 0.5 to 18GHz
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Small Signal Amplifiers
0. 5
to
18GHz
Gain
P/N
Freq. Range
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
CA0510N1610
0.5 - 1
14
18
4.0
10
± 0.5
20
2:1
120
2I,2MH
CA0510N3210
0.5 - 1
29
35
4.0
10
± 1
20
2:1
200
4I,3MH
CA0510N1614
0.5 - 1
14
18
4.0
14
± 0.5
20
2:1
120
2I,2MH
CA0510N3214
0.5 - 1
29
35
4.0
14
± 1
20
2:1
200
4I,3MH
CA0520N1610
0.5 - 2
14
18
4.0
10
± 1.0
20
2:1
120
2I,2MH
CA0520N3210
0.5 - 2
29
35
4.0
10
± 1.4
20
2:1
200
4I,3MH
CA0520N1614
0.5 - 2
14
18
4.0
14
± 1.0
20
2:1
120
2I,2MH
CA0520N3214
0.5 - 2
29
35
4.0
14
± 1.4
20
2:1
200
4I,3MH
CA1020N1610
1 - 2
14
18
4.0
10
± 0.8
20
2:1
120
2I,2MH
CA1020N3214
1 - 2
29
35
4.0
14
± 1.4
20
2:1
200
4I,3MH
CA2040N1409
2 - 4
12
17
4.5
9
± 1.3
20
2:1
150
2I,2MH
CA2040N2109
2 - 4
19
24
4.0
9
± 1.0
20
2:1
150
4I,3MH
CA2040N2810
2 - 4
25
31
4.0
10
± 1.3
20
2:1
150
4I,4MH
CA2040N3510
2 - 4
32
39
4.5
10
± 1.5
25
2:1
200
6I,6MH
CA2040N4210
2 - 4
38
46
4.5
10
± 1.5
25
2:1
300
6I,6MH
CA2040N1613
2 - 4
14
19
4.8
13
± 1.3
20
2:1
150
2I,2MH
CA2040N2113
2 - 4
19
24
4.0
13
± 1.0
20
2:1
150
4I,3MH
CA2040N2815
2 - 4
25
31
4.0
15
± 1.3
20
2:1
150
4I,4MH
CA2040N3515
2 - 4
32
39
4.5
15
± 1.5
25
2:1
200
6I,6MH
CA2040N4215
2 - 4
38
46
4.5
15
± 1.5
25
2:1
300
6I,6MH
CA2080N1609
2 - 8
14
19
4.5
9
± 1.5
20
2:1
150
2I,2MH
CA2080N2109
2 - 8
18
24
4.5
9
± 1.5
20
2:1
150
4I,3MH
CA2080N2810
2 - 8
25
32
4.0
10
± 1.5
20
2:1
250
4I,4MH
CA2080N4210
2 - 8
38
46
4.5
10
± 2.0
25
2:1
300
6I,6MH
CA2080N3510
2 - 8
32
39
4.5
10
± 1.8
25
2:1
350
6I,6MH
CA2080N1613
2 - 8
14
19
5.0
13
± 1.5
20
2:1
150
2I,2MH
CA2080N2113
2 - 8
18
24
4.5
13
± 1.5
20
2:1
250
4I,3MH
CA2080N2815
2 - 8
25
32
4.0
15
± 1.5
20
2:1
250
4I,4MH
CA2080N3515
2 - 8
32
39
4.5
15
± 1.8
25
2:1
350
6I,6MH
CA2080N4215
2 - 8
38
46
4.5
15
± 2.0
25
2:1
350
6I,6MH
CA1018N2409
1 - 18
21
28
5.5
9
± 2.0
18
2.2:1
200
4I,4MH
CA1018N3209
1 - 18
28
36
5.5
9
± 2.2
18
2.2:1
300
6I,6MH
CA1018N4009
1 - 18
36
45
6.0
9
± 2.5
18
2.5:1
350
6I,6MH
CA1018N2414
1 - 18
21
28
7.0
14
± 2.0
23
2.2:1
280
4I,4MH
CA1018N3214
1 - 18
28
36
7.0
14
± 2.2
23
2.2:1
350
6I,6MH
CA1018N4014
1 - 18
36
45
7.0
14
± 2.5
23
2.5:1
450
6I,6MH
CA2018N1809
2 - 18
15
21
5.5
9
± 2.2
18
2.2:1
180
4I,3MH
CA2018N2409
2 - 18
21
28
5.5
9
± 2.0
18
2.2:1
200
4I,4MH
CA2018N3209
2 - 18
28
36
5.5
9
± 2.2
18
2.2:1
300
6I,6MH
CA2018N4009
2 - 18
36
45
6.0
9
± 2.5
18
2.5:1
350
6I,6MH
CA2018N1814
2 - 18
15
21
7.5
14
± 2.2
23
2.2:1
250
4I,3MH
CA2018N2414
2 - 18
21
28
7.0
14
± 2.0
23
2.2:1
280
4I,4MH
CA2018N3214
2 - 18
28
36
7.0
14
± 2.2
23
2.2:1
350
6I,6MH
CA2018N4014
2 - 18
36
45
7.0
14
± 2.5
23
2.5:1
450
6I,6MH


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn