Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD15HVF1 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RD15HVF1
Description  RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD15HVF1 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RD15HVF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD15HVF1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MITSUBISHI RF POWER MOS FET
ELECTROSTATIC SENSITIVE DEVICE
RD15HVF1
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1
MITSUBISHI ELECTRIC
7 Mar 2008
OBSERVE HANDLING PRECAUTIONS
TEST CIRCUIT(f=520MHz)
RD15HVF1
520MHz
L2:2Turns,I.D6mm,D1.6mm P=1 silver plateted copper wire
L2
C3:2200pF,330uF in parallel
C3
C2:2200pF*2 in parallel
L1
100
7
56pF
Dimensions:mm
56pF
RF-IN
Vdd
Vgg
100OHM
L1:4Turns,I.D6mm,D1.6mm P=1 silver plateted copper wire
C1
RF-OUT
C2
C1:2200pF 10uF in parallel
Note:Board material-Teflon substrate
micro strip line width=4.2mm/50OHM,er:2.7,t=1.6mm
100
7
90
L3
8.2kOHM
5pF
15pF
10pF
90
12pF
L3:4Turns,I.D6mm,D1.6mm P=1 silver plateted copper wire
9.1kOHM
6/9


Similar Part No. - RD15HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
406Kb / 9P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
531Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
logo
Quanzhou Jinmei Electro...
RD15HVF1 JMNIC-RD15HVF1 Datasheet
411Kb / 9P
   Silicon MOSFET Power Transistor
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1_10 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
More results

Similar Description - RD15HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
406Kb / 9P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_10 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_11 Datasheet
531Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
565Kb / 14P
   RF POWER MOS FET Silicon MOSFET Power Transistor,175MHz,527MHz,7W
logo
Tyco Electronics
UF28100V MACOM-UF28100V Datasheet
208Kb / 3P
   RF MOSFET Power Transistor, 15W, 28V 100-500MHz
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor 15W, 2-175MHz, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com