Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA55H4452M Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA55H4452M
Description  RF MOSFET MODULE 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA55H4452M Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA55H4452M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MITSUBISHI RF MOSFET MODULE
RA55H4452M
RoHS Compliance , 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M
MITSUBISHI ELECTRIC
14 March 2008
1/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
PACKAGE CODE: H2S
2
4
1
5
3
BLOCK DIAGRAM
DESCRIPTION
The RA55H4452M is a 55-watt RF MOSFET Amplifier
Module for 12.5-volt mobile radios that operate in the 440- to
520-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate
voltage (VGG=0V), only a small leakage current flows into the
drain and the RF input signal attenuates up to 60 dB. The
output power and drain current increase as the gate voltage
increases. With a gate voltage around 4V (minimum), output
power and drain current increases substantially. The nominal
output power becomes available at 4.5V (typical) and 5V
(maximum). At VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but
may also be used for linear modulation by setting the drain
quiescent current with the gate voltage and controlling the
output power with the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD≅0 @ VDD=12.5V, VGG=0V)
• Pout>55W, ηT>43% @ f=440-490MHz,
Pout>45W, ηT>35% @ f=491-520MHz,
VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 440-520MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 66 x 21 x 9.88 mm
• Linear operation is possible by setting the quiescent drain
current with the gate voltage and controlling the output power
with the input power
RoHS COMPLIANCE
• RA55H4452M-101 is a RoHS compliant products.
• RoHS compliance is indicate by the letter “G” after the Lot Marking.
• This product include the lead in the Glass of electronic parts and the
lead in electronic Ceramic parts.
However, it is applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and
fluorescent tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA55H4452M-101
Antistatic tray,
10 modules/tray


Similar Part No. - RA55H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H4452M MITSUBISHI-RA55H4452M Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M Datasheet
258Kb / 9P
   RoHS Compliance , 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
258Kb / 9P
   RoHS Compliance , 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
258Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA55H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H4452M MITSUBISHI-RA55H4452M_10 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M_11 Datasheet
258Kb / 9P
   RoHS Compliance , 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M Datasheet
185Kb / 8P
   RF MOSFET MODULE 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M Datasheet
95Kb / 8P
   RF MOSFET MODULE 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_10 Datasheet
93Kb / 9P
   440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_06 Datasheet
246Kb / 8P
   RoHS Compliance , 440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_11 Datasheet
256Kb / 9P
   RoHS Compliance , 440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com