Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXTXGPS-GN-AV Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXTXGPS-GN-AV
Description  GPS/GNSS Aviation Antenna
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXTXGPS-GN-AV Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXTXGPS-GN-AV Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GPS ANTENNA
The content of this specification may change without notification 5/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Custom Designs Available. For current data sheets, please contact: sales@aacix.com
GPS/GNSS Aviation Antenna
P/N: JXTXGPS-GN-AV
Patterns
Technical Specifications
GPS L1
1575.42MHz ± 5MHz
Frequency
GNSS L1
1602.00MHz ± 8MHz
Azimuth: Omni Directional
Pattern
Elevation: Hemispherical
GPS L1
25±2dB/45±2dB(customized gain available)
LNA Gain
GNSS L1
35±2dB/45±2dB(customized gain available)
Polarization
Right-hand circular
Axial Ratio
≤4dB
Noise Figure
≤2.0dB
Output Impedance
50Ω
VSWR
≤1.5:1
Voltage:3-5V DC
Power Supply
Current: ≤20mA
Connector Type
TNC (customized connector type available)
Size
120mm×78mm×36mm
Weight
≈200g
Operating Temperature
-40°C ~ +85°C
Storage Temperature
-55°C ~ +85°C
Fixing
Screw


Similar Part No. - JXTXGPS-GN-AV

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXTXGPS-CZ-1575-75N AAC-JXTXGPS-CZ-1575-75N Datasheet
48Kb / 2P
   GPS VEHICLE ANTENNA
JXTXGPS-CZ-2702 AAC-JXTXGPS-CZ-2702 Datasheet
70Kb / 1P
   GPS VEHICLE ANTENNA
JXTXGPS-CZG-2701 AAC-JXTXGPS-CZG-2701 Datasheet
108Kb / 1P
   GPS/GSM Vehicle Antenna
JXTXGPS-L1 AAC-JXTXGPS-L1 Datasheet
184Kb / 1P
   GPS Antenna
JXTXGPS-L1L2 AAC-JXTXGPS-L1L2 Datasheet
143Kb / 1P
   GPS L1/L2 Survey Antenna
More results

Similar Description - JXTXGPS-GN-AV

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
YIC51818GM-37 YIC-YIC51818GM-37 Datasheet
505Kb / 12P
   GPS/GNSS Antenna Module
YIC51616GMS-37 YIC-YIC51616GMS-37 Datasheet
781Kb / 13P
   GPS/GNSS Antenna Module
YIC51513PGM-37 YIC-YIC51513PGM-37 Datasheet
189Kb / 10P
   GPS/GNSS Antenna Module
logo
American Accurate Compo...
JXTXGPS-L1L2-GN AAC-JXTXGPS-L1L2-GN Datasheet
111Kb / 1P
   GPS & GNSS L1/L2 Antenna
logo
Abracon Corporation
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
   BEIDOU / GPS / GNSS Chip Antenna
10.06.14
logo
TE Connectivity Ltd
602-442-XXX TEC-602-442-XXX Datasheet
662Kb / 2P
   GNSS (GPS/GLONASS) Screw Antenna
602-439-XXX TEC-602-439-XXX Datasheet
258Kb / 3P
   GNSS (GPS/GLONASS) Magnetic Antenna
logo
Abracon Corporation
PRO-OB-430 ABRACON-PRO-OB-430 Datasheet
727Kb / 11P
   OnBoard GNSS/GPS SMD - Antenna
logo
TE Connectivity Ltd
956-310-3XX TEC-956-310-3XX Datasheet
457Kb / 3P
   IRIDIUM/ GNSS (GPS/GLONASS) Screw Antenna
logo
SparkFun Electronics
GPS-14987 SPARKFUN-GPS-14987 Datasheet
172Kb / 2P
   GPS/GNSS Embedded Antenna SMA - 1m
10??4??8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com