Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H4047M1-101 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA30H4047M1-101
Description  400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H4047M1-101 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA30H4047M1-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H4047M1-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H4047M1-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H4047M1-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H4047M1-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H4047M1-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H4047M1-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H4047M1-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H4047M1-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA30H4047M1
RA30H4047M1
MITSUBISHI ELECTRIC
3
rd Mar 2008
8/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
Depending on linearity, the following three methods are recommended to control the output power:
a) Non-linear FM modulation at high power operating:
By the gate voltage(VGG).
When the gate voltage is close to zero, the nominal output signal (Pout=30W) is attenuated up to 60 dB and only
a small leakage current flows from the battery into the drain.
Around VGG=0V(minimum), the output power and drain current increases substantially.
Around VGG=4V (typical) to VGG=5V (maximum), the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin.
The gate voltage is used to set the drain’s quiescent current for the required linearity.
Load condition of Output terminal:
This module suppose to use on the condition that load impedance is 50ohm. On the over load condition,this module
run into the short mode in the worst case and the module involve the risk of burn out and smoking of parts including
the substrate in the module.
Oscillation:
To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and
drain, a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation, the following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module?
b) Is the load impedance ZL=50Ω?
c) Is the source impedance ZG=50Ω?
Frequent on/off switching:
In base stations, frequent on/off switching can cause thermal expansion of the resin that coats the transistor chips
and can result in reduced or no output power. The bond wires in the resin will break after long-term thermally
induced mechanical stress.
Quality:
Mitsubishi Electric is not liable for failures resulting from base station operation time or operating conditions
exceeding those of mobile radios.
This module technology results from more than 20 years of experience, field proven in tens of millions of mobile
radios. Currently, most returned modules show failures such as ESD, substrate crack, and transistor burnout,
which are caused by improper handling or exceeding recommended operating conditions. Few degradation failures
are found.
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there
is always the possibility that trouble may occur. Trouble with semiconductors may lead to personal injury, fire or property
damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as
(i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material, or (iii) prevention against any malfunction or
mishap.
Keep safety first in your circuit designs!


Similar Part No. - RA30H4047M1-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA30H4047M1-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_10 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1 Datasheet
152Kb / 9P
   RF MOSFET MODULE 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M Datasheet
67Kb / 9P
   400-470MHz 30W 12.5V MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_11 Datasheet
243Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_06 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com