Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21963-EST Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PS21963-EST
Description  Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21963-EST Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21963-EST Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21963-EST Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.28
1.778 ±0.2
2.54 ±0.2
3 MIN
35 ±0.3
20
×1.778(=35.56 )
38 ±0.5
14
×2.54(=35.56)
0.5
HEAT SINK SIDE
HEAT SINK SIDE
0.5
0.5
0.5
17
1
18
2-R1.6
0.28
25
4-C1.2
Type name
Lot No.
QR
Code
1.5 ±0.05
A
TERMINAL CODE
1.
(VNC)
2.
VUFB
3.
VVFB
4.
VWFB
5.
UP
6.
VP
7.
WP
8.
VP1
9.
VNC *
10. UN
11. VN
12. WN
13. VN1
14. FO
15. CIN
16. VNC *
17. NC
18. NW
19. NV
20. NU
21. W
22. V
23. U
24. P
25. NC
3.5
B
0.8
1.5min
(2.656)
(2.756)
2.5 MIN
(1.2)
DETAIL A
DETAIL B
8-0.6
16-0.5
PS21963-EST
INTEGRATED POWER FUNCTIONS
600V/8A low-loss CSTBTTM inverter bridge for three
phase DC-to-AC power conversion.
Open emitter type.
APPLICATION
AC100V~200V inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21963-EST
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS : Drive circuit, High voltage high-speed level shifting, Control supply under-voltage (UV) protection.
• For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC), Over temperature protection (OT).
• Fault signaling : Corresponding to an SC fault (Lower-leg IGBT), a UV fault (Lower-side supply) or an OT fault (LVIC temperature).
• Input interface : 3V, 5V line (High Active).
•UL Approved : Yellow Card No. E80276
Dimensions in mm
*) Two VNC terminals (9 & 16 pin) are connected inside DIPIPM, please connect either one to the 15V power supply GND outside and
leave another one open.
Mar. 2009
QR Code is registered trademark of DENSO WAVE INCORPORATED in Japan and other countries.


Similar Part No. - PS21963-EST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-EST MITSUBISHI-PS21963-EST Datasheet
134Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21963-EST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21964-T MITSUBISHI-PS21964-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ET MITSUBISHI-PS21963-ET_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21994-4 MITSUBISHI-PS21994-4 Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-T MITSUBISHI-PS21963-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21965-ST MITSUBISHI-PS21965-ST_09 Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21965-T MITSUBISHI-PS21965-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ST MITSUBISHI-PS21963-ST_09 Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21993-4 MITSUBISHI-PS21993-4 Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-ST MITSUBISHI-PS21961-ST Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com