Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM285 Datasheet(PDF) 3 Page - Motorola, Inc

Part # LM285
Description  MICROPOWER VOLTAGE REFERENCE DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM285 Datasheet(HTML) 3 Page - Motorola, Inc

  LM285 Datasheet HTML 1Page - Motorola, Inc LM285 Datasheet HTML 2Page - Motorola, Inc LM285 Datasheet HTML 3Page - Motorola, Inc LM285 Datasheet HTML 4Page - Motorola, Inc LM285 Datasheet HTML 5Page - Motorola, Inc LM285 Datasheet HTML 6Page - Motorola, Inc LM285 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM285 LM385, B
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
LM285–2.5
LM385–2.5/LM385B–2.5
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IRmin p IR p 20 mA)
V(BR)R
V
LM285–2.5/LM385B–2.5
2.462
2.5
2.538
2.462
2.5
2.538
TA = Tlow to Thigh (Note 1)
2.415
2.585
2.436
2.564
LM385–2.5
2.425
2.5
2.575
TA = Tlow to Thigh (Note 1)
2.400
2.600
Minimum Operating Current
IRmin
µA
TA = 25°C
13
20
13
20
TA = Tlow to Thigh (Note 1)
30
30
Reverse Breakdown Voltage Change with Current
∆V(BR)R
mV
IRmin p IR p 1.0 mA, TA = +25°C
1.0
2.0
TA = Tlow to Thigh (Note 1)
1.5
2.5
1.0 mA
p IR p 20 mA, TA = +25°C
10
20
TA = Tlow to Thigh (Note 1)
20
25
Reverse Dynamic Impedance
Z
0.6
0.6
W
IR = 100 µA, TA = +25°C
Average Temperature Coefficient
∆V(BR)/∆T
80
80
ppm/
°C
20
µA p IR p 20 mA, TA = Tlow to Thigh (Note 1)
Wideband Noise (RMS)
n
120
120
µV
IR = 100 µA, 10 Hz p f p 10 kHz
Long Term Stability
S
20
20
ppm/
IR = 100 µA, TA = +25°C ± 0.1°C
kHR
NOTES: 1. Tlow = – 40°C for LM285–1.2, LM285–2.5
Thigh = +85°C for LM285–1.2, LM285–2.5
= 0
°C for LM385–1.2, LM385B–1.2, LM385–2.5, LM385B–2.5
Thigh =+70°C for LM385–1.2, LM385B–1.2, LM385–2.5, LM385B–2.5


Similar Part No. - LM285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM285 NSC-LM285 Datasheet
713Kb / 14P
   Adjustable Micropower Voltage References
logo
ON Semiconductor
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results

Similar Description - LM285

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com