Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

820-IF221.288M-A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 820-IF221.288M-A
Description  Base Station & Repeater
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF221.288M-A Datasheet(HTML) 1 Page - Oscilent Corporation

  820-IF221.288M-A Datasheet HTML 1Page - Oscilent Corporation 820-IF221.288M-A Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
. .
.
IF SAW Filter
Part Number
Package
Application
Last Modified
820-IF221.288M-A
20.2 x 12.6 SMD
Base Station & Repeater
Apr 18, 2007
TYPE :
221.288 MHz Bandpass SAW Filter
PART NUMBER :
820-IF221.288M-A
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Minimum
Typical
Maximum
Units
Center Frequency
-
221.288
-
MHz
Insertion Loss at Fo
-
24.5
26.0
dB
Source Impedance (single ended)*
-
50
-
ohm
Load Impedance (single ended)*
-
50
-
ohm
Bandwidth at -1.0 dB
-
6.86
-
MHz
Bandwidth at -3.0 dB
-
7.08
-
MHz
Bandwidth at -10.0 dB
-
7.46
-
MHz
Bandwidth at -40.0 dB
-
8.04
-
MHz
Ultimate Rejection
45
50
-
dB
Amplitude Ripple
-
0.7
1.2
dBp-p
Group Delay Variation (smo 0.5%)
-
120
-
nsec
Absolute Delay at Fo
-
2.41
-
µsec
Temperature Coefficient
-
-0.03
-
ppm/°C
*With Matching Network (Reference Testing Environment Circuit as shown) Modifiy Impedance Values as necessary.
PACKAGE OUTLINE (mm)


Similar Part No. - 820-IF221.288M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF221.288M-D OSCILENT-820-IF221.288M-D Datasheet
124Kb / 4P
   221.288 MHz Bandpass Filter 7.08MHz Bandwidth
More results

Similar Description - 820-IF221.288M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF120.0M-B OSCILENT-835-IF120.0M-B Datasheet
143Kb / 2P
   Base Station & Repeater
838-IF100.0M-F OSCILENT-838-IF100.0M-F Datasheet
144Kb / 2P
   Base Station & Repeater
835-IF44.0M-E OSCILENT-835-IF44.0M-E Datasheet
279Kb / 3P
   Base Station & Repeater
835-IF80.0M-B OSCILENT-835-IF80.0M-B Datasheet
175Kb / 2P
   Base Station & Repeater
835-IF137.9M-A OSCILENT-835-IF137.9M-A Datasheet
200Kb / 2P
   Base Station & Repeater
835-IF240.0M-D OSCILENT-835-IF240.0M-D Datasheet
289Kb / 2P
   Base Station & Repeater
813-IF70.0M-BA OSCILENT-813-IF70.0M-BA Datasheet
148Kb / 2P
   Base Station & Repeater
813-IF75.0M-C OSCILENT-813-IF75.0M-C Datasheet
131Kb / 2P
   Base Station & Repeater
819-IF70.0M-X OSCILENT-819-IF70.0M-X Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF70.0M-E OSCILENT-820-IF70.0M-E Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-G OSCILENT-820-IF70.0M-G Datasheet
144Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com