Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GCU08BA-130 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. GCU08BA-130
Description  GCT (Gate Commutated Turn-off) THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

GCU08BA-130 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  GCU08BA-130_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor GCU08BA-130_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor GCU08BA-130_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor GCU08BA-130_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor GCU08BA-130_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor GCU08BA-130_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUBISHI GCT (Gate Commutated Turn-off) THYRISTOR UNIT
GCU08BA-130
HIGH POWER INVERTER USE
PRESS PACK TYPE
GCU08BA-130
OUTLINE DRAWING
Dimensions in mm
APPLICATION
Current source inverters, DC choppers, Induction heaters, DC to DC converter
20V POWER SUPPLY INPUT
(MSTB2.5/2-G-5.08AU)
FAULT SIGNAL OUTPUT (HFBR-1521)
FIBER OPTIC INPUT (HFBR-2521)
LED4 : POWER SUPPLY OK (GREEN)
LED3 : G-K OK (GREEN)
LED2 : GATE ON (YELLOW)
LED1 : GATE OFF (RED)
GATE TEST POINT
CATHODE TEST POINT
A PART MAGNIFICATION
φ3.5±0.2
2.2±0.2 DEPTH
φ3.5±0.2
2.2±0.2 DEPTH
9
20
37
5
A
160
80
2-6
×M4
2-6
×M4
208
46.5
46.5
48
48
160
120
160
104
120
K
G
φ47±0.2
6±0.5
6±0.5
6±0.5
6±0.5
φ47
±0.2
CAPTIV SCREW
(DEPTH OF THE SCREW INTO
THE HEATSINK : 6 ~ 8mm)
● Symmetrical GCT unit
● GCT and gate driver are connected
● ITQRM: Repetitive controllable on-state current ........ 800A
● IT(AV): Average on-state current ..................... 330A
● VDRM: Repetitive peak off-state voltage ....... 6500V
● VRRM: Repetitive peak reverse voltage ........ 6500V
● Tj:
Operation junction temperature ......... 125
°C
Mar. 2009


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn