Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GCU08BA-130 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. GCU08BA-130
Description  GCT (Gate Commutated Turn-off) THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

GCU08BA-130 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MITSUBISHI GCT (Gate Commutated Turn-off) THYRISTOR UNIT
GCU08BA-130
HIGH POWER INVERTER USE
PRESS PACK TYPE
Mar. 2009
6
PERFORMANCE CURVES
MITSUBISHI GCT (Gate Commutated Turn-off) THYRISTOR UNIT
GCU08BA-130
HIGH POWER INVERTER USE
PRESS PACK TYPE
8
7
6
0
0
5
4
3
2
1
200
400
600
800
1000
CONDITION
VD=3000V, VDM=VD+2.34
×IT
Tj=125
°C, Cs=0.1µF
Rs=10
MAXIMUM ON-STATE CHARACTERISTIC
ON-STATE VOLTAGE VTM (V)
TURN OFF CURRENT IT (A)
Eoff VS IT (Max)
MAXIMUM THERMAL IMPEDANCE
CHARACTERISTIC
(JUNCTION TO FIN)
TIME (S)
0
0.03
0.035
0.02
0.025
0.015
0.005
0.01
012345678910
Tj=125
°C
Tj=25
°C
ON-STATE CURRENT IT (A)
Erec VS IT (Max)
10
9
0
0
8
7
6
5
4
3
2
1
200
400
600
800
1000
CONDITION
VR=3000V, Tj=125
°C
di/dt=1000A/
µs
Cs=0.1
µF, Rs=10Ω
TURN ON CURRENT IT (A)
Eon VS IT (Max)
1.4
1000
0
1.2
1.0
0.6
0.8
0.2
0.4
0.0
800
600
400
200
CONDITION
VD=3000V, Tj=125
°C
di/dt=1000A/
µs
Cs=0.1
µF, Rs=10Ω
10–2
10–1
2 35 7
100
2 35 7
101
2 35 7
10–3 2 35 7
5
3
101
2
7
5
3
2
7
5
3
2
7
104
102
103


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn