Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-RF718.0M-A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 803-RF718.0M-A
Description  718.0 MHz RF SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

803-RF718.0M-A Datasheet(HTML) 1 Page - Oscilent Corporation

  803-RF718.0M-A Datasheet HTML 1Page - Oscilent Corporation 803-RF718.0M-A Datasheet HTML 2Page - Oscilent Corporation 803-RF718.0M-A Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
.
.
RF SAW Filter
Part Number
Package
Application
Last Modified
803-RF718.0M-A
3.8 x 3.8 SMD
Wireless
Jan. 01, 2007
TYPE :
718.0 MHz RF SAW Filter
PART NUMBER :
803-RF718.0M-A
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Condition
Minimum
Typical
Maximum
Units
Center Frequency
-
-
718.0
-
MHz
Insertion Loss
714.0 ~ 722.0MHz
-
3.0
4.0
dB
Operating Temperature
-
0
-
+50
°C
Amplitude Ripple
714.0 ~ 722.0 MHz
-
0.5
1.5
dB
Attenuation:
673~677 MHz
45
50
-
dB
695~698 MHz
40
50
-
740~741 MHz
20
28
-
759~764 MHz
45
55
-
Return Loss
714.0 ~ 722.0 MHz
10
15
-
nsec
Maxium DC Voltage
-
-
-
5
V
Maxium Input Power
-
-
-
15
dBm
Source Impedance
single ended*
-
50
-
ohm
Load Impedance
single ended*
-
50
-
ohm
* No Matching Network ((Ref. Testing Environment Circuit as shown)
** Custom SAW RF Filters available. Contact Oscilent for assistance.
Pin Layout
A
Ground
B
Input
C
Ground
D
Ground
E
Output
F
Ground
Test Fixture
Page 1 of 3
Oscilent Corporation RF SAW Filter | 803-RF718.0M-A


Similar Part No. - 803-RF718.0M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-RF718.0M-A OSCILENT-803-RF718.0M-A_14 Datasheet
138Kb / 5P
   Wireless, RF SAW Filter
More results

Similar Description - 803-RF718.0M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF836.5M-D OSCILENT-802-RF836.5M-D Datasheet
225Kb / 2P
   836.5 MHz RF SAW Filter
803-RF868.3M-A OSCILENT-803-RF868.3M-A Datasheet
182Kb / 2P
   868.3 MHz RF SAW Filter
803-RF416.0M-A OSCILENT-803-RF416.0M-A Datasheet
202Kb / 2P
   416.0 MHz RF SAW Filter
logo
EPCOS
B9030 EPCOS-B9030 Datasheet
79Kb / 8P
   SAW RF filter 2017.50 MHz
logo
Oscilent Corporation
803-RF446.0M-A OSCILENT-803-RF446.0M-A Datasheet
226Kb / 2P
   446.0 MHz RF SAW Filter
802-RF836.5M-A OSCILENT-802-RF836.5M-A Datasheet
159Kb / 2P
   836.5 MHz RF SAW Filter
802-RF902.5M-B OSCILENT-802-RF902.5M-B Datasheet
177Kb / 2P
   902.5 MHz RF SAW Filter
802-RF1842.5M-A OSCILENT-802-RF1842.5M-A Datasheet
180Kb / 2P
   1842.5 MHz RF SAW Filter
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
   2140.0 MHz RF SAW Filter
803-RF448.0M-B OSCILENT-803-RF448.0M-B Datasheet
144Kb / 2P
   448.0 MHz RF SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com