Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

803-RF491.2M-A Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 803-RF491.2M-A
Description  CDMA450(F-Band), RF-Rx SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

803-RF491.2M-A Datasheet(HTML) 2 Page - Oscilent Corporation

  803-RF491.2M-A Datasheet HTML 1Page - Oscilent Corporation 803-RF491.2M-A Datasheet HTML 2Page - Oscilent Corporation 803-RF491.2M-A Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Load Impedance = 50 ohms
Source Impedance = 50 ohms
FREQUENCY RESPONSE
VSWR
SMITH CHART
Page 2 of 3
Oscilent Corporation RF SAW Filter | 803-RF491.2M-A


Similar Part No. - 803-RF491.2M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-RF491.2M-A OSCILENT-803-RF491.2M-A_14 Datasheet
130Kb / 5P
   CDMA 450 F-Band, RF/Rx SAW Filter
More results

Similar Description - 803-RF491.2M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
862-RF491.2M-B OSCILENT-862-RF491.2M-B Datasheet
584Kb / 3P
   CDMA450 (F-Band), Balanced RF-Rx SAW Filter
logo
Transko Electronics, In...
TA465HM2 TRANSKO-TA465HM2 Datasheet
502Kb / 4P
   CDMA450 A-Band, RF-Rx SAW Filter
Revision 0: August 2007
logo
Oscilent Corporation
802-RF422.25M-B OSCILENT-802-RF422.25M-B Datasheet
530Kb / 3P
   CDMA450(L-Band), RF-Rx SAW Filter
802-RF423.7M-A OSCILENT-802-RF423.7M-A Datasheet
693Kb / 3P
   CDMA450(D-Band), RF-Rx SAW Filter
803-RF462.5M-C OSCILENT-803-RF462.5M-C Datasheet
532Kb / 3P
   CDMA450 (C-Band), RF-Rx SAW Filter
803-RF423.75M-A OSCILENT-803-RF423.75M-A Datasheet
519Kb / 3P
   CDMA450 (D-Band) RF-Rx SAW Filter
803-RF467.6M-A OSCILENT-803-RF467.6M-A Datasheet
544Kb / 3P
   CDMA450(G-Band), RF-Rx SAW Filter
logo
Transko Electronics, In...
TA463CM2 TRANSKO-TA463CM2 Datasheet
450Kb / 4P
   CDMA450 H-Band, RF-Rx SAW Filter
Revision 0: April 2007
logo
Oscilent Corporation
803-RF481.2M-A OSCILENT-803-RF481.2M-A Datasheet
489Kb / 3P
   CDMA450(F-Band), RF-Tx SAW Filter
862-RF462.5M-D OSCILENT-862-RF462.5M-D Datasheet
391Kb / 3P
   CDMA450, Balanced RF-Rx SAW Filter (C-Band)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com