Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1000E4C-66R Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # CM1000E4C-66R
Description  HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1000E4C-66R Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  CM1000E4C-66R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
Mar. 2009
7
MITSUBISHI HVIGBT MODULES
CM1000E4C-66R
HIGH POWER SWITCHING USE
INSULATED TYPE
4th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
ZR
th( j –c )
( t ) =
Σ
n
i=I
i 1–exp
ti
t
Ri [K/kW] :
τ
i [sec] :
1
0.0096
0.0001
2
0.1893
0.0058
3
0.4044
0.0602
4
0.3967
0.3512
103
102
4
23
5
7
4
23
5
7
104
EMITTER CURRENT (A)
FREE-WHEEL DIODE REVERSE RECOVERY
CHARACTERISTICS
(TYPICAL)
103
104
102
101
101
102
100
10-1
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
103
102
4
23
5
7
4
23
5
7
104
EMITTER CURRENT (A)
FREE-WHEEL DIODE REVERSE RECOVERY
CHARACTERISTICS
(TYPICAL)
103
104
102
101
101
102
100
10-1
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
10-2
10-3 23 5 7
10-1
23 5 7
100
23 5 7
101
23 5 7
TIME (s)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
1.2
1.0
0.8
0.6
0.4
0
0.2
VCC = 1800V, VGE =
±15V
RG(on) = 2.4
Ω, LS = 150nH
Tj = 125
°C, Inductive load
lrr
trr
VCC = 1800V, VGE =
±15V
RG(on) = 2.4
Ω, LS = 150nH
Tj = 150
°C, Inductive load
lrr
trr
Rth(j–c)Q = 12.0K/kW
Rth(j–c)R = 22.5K/kW


Similar Part No. - CM1000E4C-66R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1000E4C-66R MITSUBISHI-CM1000E4C-66R Datasheet
443Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000E4C-66R MITSUBISHI-CM1000E4C-66R_12 Datasheet
443Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1000E4C-66R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600HG-90H MITSUBISHI-CM600HG-90H Datasheet
102Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200HG-130H MITSUBISHI-CM200HG-130H Datasheet
105Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1200HG-66H MITSUBISHI-CM1200HG-66H_09 Datasheet
101Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1500HC-66R MITSUBISHI-CM1500HC-66R Datasheet
117Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM900HG-90H MITSUBISHI-CM900HG-90H Datasheet
101Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com