Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

802-RF465.0M-D Datasheet(PDF) 1 Page - Oscilent Corporation

Part No. 802-RF465.0M-D
Description  CDMA450, RF-Rx SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSCILENT [Oscilent Corporation]
Homepage  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

802-RF465.0M-D Datasheet(HTML) 1 Page - Oscilent Corporation

  802-RF465.0M-D Datasheet HTML 1Page - Oscilent Corporation 802-RF465.0M-D Datasheet HTML 2Page - Oscilent Corporation 802-RF465.0M-D Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
. .
.
RF SAW Filter
Part Number
Package
Application
Last Modified
802-RF465.0M-D
3.0 x 3.0 SMD
CDMA450
Jan. 01, 2007
TYPE :
CDMA450, RF-Rx SAW Filter
PART NUMBER :
802-RF465.0M-D
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Condition
Minimum
Typical
Maximum
Units
Center Frequency (Fo)
-
-
465.0
-
MHz
Maximum Insertion Loss
462.5~ 467.5MHz
-
2.6
4.3
dB
Stop Band Attenuation:
0.3~ 452.5 MHz
40
50
-
dB
452.5~ 457.5 MHz
35
47
-
485.0~ 507.5MHz
40
50
-
507.5~ 1200.0 MHz
30
44
-
1200.0~ 1700.0 MHz
20
40
-
Source Impedence (single ended)*
-
-
50
-
ohm
Load Impendance (single ended)*
-
-
50
-
ohm
VSWR
462.5~ 467.5MHz
-
1.5
2.1
-
Maximum Input Power
-
-
-
27
dBm
Operating Temperature
-
-30
-
+80
ºC
* No Matching Network
PACKAGE OUTLINE (mm)
PIN LAYOUT
A
Ground
B
Out
C
Ground
D
Ground
E
In
F
Ground
TEST FIXTURE
Page 1 of 3
Oscilent Corporation RF SAW Filter | 802-RF465.0M-D


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn