Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM600HG-90H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM600HG-90H
Description  HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM600HG-90H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM600HG-90H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM600HG-90H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM600HG-90H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM600HG-90H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM600HG-90H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM600HG-90H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM600HG-90H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
May 2009
2
MITSUBISHI HVIGBT MODULES
CM600HG-90H
HIGH POWER SWITCHING USE
INSULATED TYPE
3rd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
MAXIMUM RATINGS
Symbol
Item
Conditions
Ratings
Unit
VCES
VGES
IC
ICM
IE
IEM
Pc
Viso
Ve
Tj
Top
Tstg
tpsc
Collector-emitter voltage
Gate-emitter voltage
Collector current
Emitter current
(Note 2)
Maximum power dissipation (Note 3)
Isolation voltage
Partial discharge extinction voltage
Junction temperature
Operating temperature
Storage temperature
Maximum short circuit pulse width
VGE = 0V, Tj = 25
°C
VCE = 0V, Tj = 25
°C
DC, Tc = 100
°C
Pulse
(Note 1)
DC
Pulse
(Note 1)
Tc = 25
°C, IGBT part
RMS, sinusoidal, f = 60Hz, t = 1 min.
RMS, sinusoidal, f = 60Hz, QPD
≤ 10 pC
VCC = 3200V, VCE
≤ VCES, VGE = 15V, Tj = 125°C
4500
± 20
600
1200
600
1200
7500
10200
5100
–40 ~ +150
–40 ~ +125
–40 ~ +125
10
V
V
A
A
A
A
W
V
V
°C
°C
°C
µs
ELECTRICAL CHARACTERISTICS
Symbol
Item
Conditions
Tj = 25
°C
Tj = 125
°C
5.0
8
6.0
108
8
2.4
10
3.45
3.70
2.80
1.70
4.80
4.15
610
0.67
3.5
35
7.0
0.5
2.40
1.20
6.00
1.20
1.80
Typ
Limits
Max
Min
Unit
ICES
VGE(th)
IGES
Cies
Coes
Cres
Qg
VCE(sat)
td(on)
tr
Eon(10%)
td(off)
tf
Eoff(10%)
VEC
trr
Qrr
Erec(10%)
Collector cutoff current
Gate-emitter threshold voltage
Gate leakage current
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Collector-emitter saturation
voltage
Turn-on delay time
Turn-on rise time
Turn-on switching energy
(Note 5)
Turn-off delay time
Turn-off fall time
Turn-off switching energy
(Note 5)
Emitter-collector voltage
(Note 2)
Reverse recovery time
(Note 2)
Reverse recovery charge
(Note 2)
Reverse recovery energy
(Note 2), (Note 5)
VCE = VCES, VGE = 0V
VCE = 10 V, IC = 60 mA, Tj = 25
°C
VGE = VGES, VCE = 0V, Tj = 25
°C
VCE = 10 V, VGE = 0 V, f = 100 kHz, Tj = 25
°C
VCC = 2250 V, IC = 600 A, VGE =
±15 V, Tj = 25°C
IC = 600 A
(Note 4)
VGE = 15 V
VCC = 2250 V, IC = 600 A, VGE =
±15 V
RG = 15
Ω, Tj = 125°C, Ls = 120 nH
Inductive load
VCC = 2250 V, IC = 600 A, VGE =
±15 V
RG = 15
Ω, Tj = 125°C, Ls = 120 nH
Inductive load
IE = 600 A
(Note 4)
VGE = 0 V
VCC = 2250 V, IE = 600 A, VGE =
±15 V
RG = 15
Ω, Tj = 125°C, Ls = 120 nH
Inductive load
mA
V
µA
nF
nF
nF
µC
V
µs
µs
J/P
µs
µs
J/P
V
µs
µC
J/P
Tj = 25
°C
Tj = 125
°C
Tj = 25
°C
Tj = 125
°C


Similar Part No. - CM600HG-90H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600HG-130H MITSUBISHI-CM600HG-130H Datasheet
111Kb / 8P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM600HG-130H POWEREX-CM600HG-130H Datasheet
373Kb / 5P
   Single IGBTMOD HVIGBT Module 600 Amperes/6500 Volts
More results

Similar Description - CM600HG-90H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200HG-130H MITSUBISHI-CM200HG-130H Datasheet
105Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1000E4C-66R MITSUBISHI-CM1000E4C-66R Datasheet
116Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1200HG-66H MITSUBISHI-CM1200HG-66H_09 Datasheet
101Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1500HC-66R MITSUBISHI-CM1500HC-66R Datasheet
117Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM900HG-90H MITSUBISHI-CM900HG-90H Datasheet
101Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com