Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM600HA-5F Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM600HA-5F
Description  IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM600HA-5F Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM600HA-5F_00 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM600HA-5F_00 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM600HA-5F_00 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM600HA-5F_00 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sep.2000
C
G
E
E
E
E
G
C
A
B
C
F
K
J
E
D
M
N
P
Q
R
S
U - THD.
(2 TYP.)
V -THD.
(2 TYP.)
W - DIA. (4 TYP.)
y
x
T
L
H
G
Dimensions
Inches
Millimeters
A
4.25
108.0
B
3.66
93.0
±0.25
C
0.63
16.0
D
0.30
7.5
E
0.69
17.5
F
1.14
29.0
G
0.79
20.0
H
0.94
24.0
J
0.31
7.9
K
0.24
6.0
L
2.44
62.0
M
1.89
48.0
Dimensions
Inches
Millimeters
N
0.39
10.0
P
0.39
10.0
Q
0.51
13.0
R
0.33
8.5
S
1.42
36.0
T
1.02
25.8
U
M6 Metric
M6
V
M4 Metric
M4
W
0.26
Dia. 6.5
X
0.79
20.0
Y
0.35
9.0
Description:
Mitsubishi IGBT Modules are de-
signed for use in switching appli-
cations. Each module consists of
one IGBT in a single configura-
tion, with a reverse connected su-
per-fast recovery free-wheel di-
ode. All components and intercon-
nects are isolated from the heat
sinking baseplate, offering simpli-
fied system assembly and thermal
management.
Features:
Low Drive Power
Low VCE(sat)
Discrete Super-Fast
Recovery
Free-Wheel Diodes
High Frequency Operation
Isolated Baseplate for Easy
Heat Sinking
Applications:
UPS
Forklift
Ordering Information:
Example: Select the complete
nine digit module part number you
desire from the table below - i.e.
CM600HA-5F is a 250V (VCES),
600 Ampere Single IGBT Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
600
5
MITSUBISHI IGBT MODULES
CM600HA-5F
HIGH POWER SWITCHING USE
INSULATED TYPE
Outline Drawing and Circuit Diagram
+1.0
–0.5
+1.0
–0.5


Similar Part No. - CM600HA-5F_00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600HA-5F MITSUBISHI-CM600HA-5F Datasheet
45Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM600HA-5F POWEREX-CM600HA-5F Datasheet
52Kb / 4P
   Trench Gate Design Single IGBTMOD??600 Amperes/250 Volts
More results

Similar Description - CM600HA-5F_00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM75TU-24H MITSUBISHI-CM75TU-24H_09 Datasheet
118Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-24H MITSUBISHI-CM200DU-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200E3U-12H MITSUBISHI-CM200E3U-12H_09 Datasheet
80Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM400HU-24H MITSUBISHI-CM400HU-24H_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HN-5F MITSUBISHI-CM600HN-5F_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com