Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM450DX-24A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM450DX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM450DX-24A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM450DX-24A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM450DX-24A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ju
l. 2009
2
MITSUBISHI IGBT MODULES
CM450DX-24A
HIGH POWER SWITCHING USE
ABSOLUTE MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
INVERTER PART
Symbol
Parameter
Conditions
Rating
Unit
VCES
VGES
IC
ICRM
PC
IE (Note.3)
IERM (Note.3)
Tj
Tstg
Viso
Collector-emitter voltage
Gate-emitter voltage
Collector current
Maximum collector dissipation
Emitter current
(Free wheeling diode forward current)
Junction temperature
Storage temperature
Isolation voltage
Base plate flatness
Torque strength
Torque strength
Weight
G-E Short
C-E Short
DC, TC = 90
°C
Pulse
TC = 25
°C
TC = 25
°C
Pulse
Terminals to base plate, f = 60Hz, AC 1 minute
On the centerline X, Y
Main terminals
M6 screw
Mounting
M5 screw
(Typical)
1200
±20
450
900
2840
450
900
–40 ~ +150
–40 ~ +125
2500
±0 ~ +100
3.5 ~ 4.5
2.5 ~ 3.5
330
V
A
W
A
°C
Vrms
µm
N·m
g
(Note. 1)
(Note. 4)
(Note. 1, 5)
(Note. 1, 5)
(Note. 4)
(Note. 8)
Note. 8: Base plate flatness measurement point is as in the following figure.
X
Y
+
Heat sink side
+:convex
:concave


Similar Part No. - CM450DX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM450DX-24S MITSUBISHI-CM450DX-24S Datasheet
569Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM450DX-24S POWEREX-CM450DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 450 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM450DX-24S1 MITSUBISHI-CM450DX-24S1 Datasheet
745Kb / 10P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM450DX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com