Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

622-20.0M-33-03 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 622-20.0M-33-03
Description  Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

622-20.0M-33-03 Datasheet(HTML) 1 Page - Oscilent Corporation

  622-20.0M-33-03 Datasheet HTML 1Page - Oscilent Corporation 622-20.0M-33-03 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
.
Ceramic Resonator
Series Number
Package
Description
Last Modified
620 ~ 623
ZTT Ceramic
Low Profile
Jan. 01 2007
FEATURES
- Low profile ceramic resonator
- Wide frequency range
- Extended temperature range
- High stability
- Built in load capacitance
- RoHS Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
Series No.
Type
Frequency
Range
Frequency
Accuracy
Operating
Temperature
Stability in
Temperature
Aging for
Ten Years
C1
C2
(MHz)
@25°
°C
(-20 ~ +80°C)
-
(pF)
(pF)
620
ZTT-MG
1.79 ~ 6.00
±0.5%
-20 ~ 80
±0.3%
±0.3%
30
30
621
ZTT-MT
6.00 ~ 13.00
±03%
±0.3%
30
30
622
ZTT-MX
12.00 ~ 20.00
±0.3%
±0.3%
30
30
20.01 ~ 25.99
±0.3%
±0.3%
15
15
26.00 ~ 60.00
±0.3%
±0.3%
5
5
623
ZTT-MGL
3.00 ~ 8.00
±0.3%
±0.3%
30
30
* Other C1 / C2 values available
IC (MG,MT) : 1/6TC4069UBPx2
IC (MX) : 1/6TC74HCU04x2
VDD : +5V
(1) Input
(2) Ground
(3) Output
Series No.
Type
Frequency
(MHz)
Dimensions (max.)
W
H
620
ZTT-MG
1.79 ~ 6.00
10.0
8.0
621
ZTT-MT
6.01 ~ 13.00
10.0
10.0
12.00 ~ 13.00
10.0
12.0
Page 1 of 2
Oscilent Corporation | 620 - 623 Series Ceramic Resonator


Similar Part No. - 622-20.0M-33-03

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
622-009-260-010 EDAC-622-009-260-010 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
622-009-260-011 EDAC-622-009-260-011 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
622-009-260-012 EDAC-622-009-260-012 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
622-009-260-013 EDAC-622-009-260-013 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
622-009-260-015 EDAC-622-009-260-015 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
More results

Similar Description - 622-20.0M-33-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-Q170B AAEON-EMB-Q170B Datasheet
280Kb / 2P
   low profile
logo
ECS, Inc.
ECS-TXO-2520 ECS-ECS-TXO-2520 Datasheet
591Kb / 2P
   Low Profile
logo
Oscilent Corporation
650-450.0M OSCILENT-650-450.0M Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJY476K025RNJ AVX-TAJY476K025RNJ Datasheet
121Kb / 5P
   Low Profile
logo
Oscilent Corporation
620 OSCILENT-620 Datasheet
146Kb / 2P
   Low Profile
logo
AVX Corporation
TAJV107K025RNJ AVX-TAJV107K025RNJ Datasheet
115Kb / 5P
   Low Profile
logo
Oscilent Corporation
650 OSCILENT-650 Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJC107K010RNJV AVX-TAJC107K010RNJV Datasheet
110Kb / 5P
   Low Profile
logo
Everlight Electronics C...
EALP03SXBYA0-AM EVERLIGHT-EALP03SXBYA0-AM Datasheet
550Kb / 15P
   Low profile.
logo
AVX Corporation
NOJ-LP AVX-NOJ-LP Datasheet
258Kb / 4P
   Low Profile
logo
Taoglas antenna solutio...
CA.50 TAOGLAS-CA.50 Datasheet
1Mb / 19P
   Low profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com