Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

224-000312-20 Datasheet(PDF) 1 Page - Oscilent Corporation

Part No. 224-000312-20
Description  32.768 KHz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

224-000312-20 Datasheet(HTML) 1 Page - Oscilent Corporation

  224-000312-20 Datasheet HTML 1Page - Oscilent Corporation 224-000312-20 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
. .
. ...
SMD Quartz Crystal
Series Number
Package
Description
Last Modified
224
Ultra Slim
32.768 KHz Crystal
Jan. 02 2005
FEATURES
- Ultra slim package
- Low profile
- Tape & Reel
- Long term stability
- Industry standard footprint
- Excellent shock resistance
- Excellent environmental characteristics
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CHARACTERISTICS
UNITS
Nominal Frequency
fO
32.768 (typ.)
KHz
Turnover Temperature
TO
+25 ±5
ºC
Operating Temperature
TOPR
-40 ~ +85
ºC
Storage Temperature
TSTG
-55 ~ +125
ºC
Equivalent Series Resistance
R1
65 max.
Kohm
Load Capacitance
CL
12.5 (typ.) / 7.0 (Optional)
pF
Motional Capacitance
.C1-
1.9 (typ.)
.fF
Shunt Capacitance
C0
0.8 (typ.)
pF
Temperature Coefficient
K
-0.000000040 / ºC² max.
-
Drive Level
DL
1 max.
µW
Insulation Resistance
IR.
500 min. DC 100V
Mohm
Aging (First Year)
f/fo
±3 PPM max. @25ºC
PPM
Frequency Tolerance
@25ºC
±20
PPM
Q Factor
Q
40,000 min.
-
Page 1 of 2
Oscilent Corporation | 224


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn