Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

223-000312-20 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 223-000312-20
Description  32.768 KHz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

223-000312-20 Datasheet(HTML) 2 Page - Oscilent Corporation

  223-000312-20 Datasheet HTML 1Page - Oscilent Corporation 223-000312-20 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
PART NUMBER GUIDE
Size Frequency Load Capacitance
Part Number
Option
Packaging
SMD
32.768
12.5
223-000312-20 Blank* = RoHs / Lead Free compliant
-LF = RoHs / Lead Free compliant
*ALL parts are RoHS / Lead Free as of Jan 2006.
Blank* = Bulk
-TR = Tape and Reel
6.0
223-000306-20
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
Series No.: 223
Page 2 of 2
Oscilent Corporation | 223


Similar Part No. - 223-000312-20

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
223-010-0010G WINCHESTER-223-010-0010G Datasheet
43Kb / 1P
   RDM HIGH POWER RECEPTACLE
More results

Similar Description - 223-000312-20

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
   32.768 KHz Crystal
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
DS-SERIES MICROCRYSTAL-DS-SERIES Datasheet
243Kb / 2P
   Watch Crystal 32.768 kHz
logo
MMD Components
WC26SM MMD-WC26SM Datasheet
54Kb / 1P
   32.768 KHz Clock Crystal
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
   SMD WATCH CRYSTAL 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
   Tuning Fork Crystal 32.768 kHz
logo
Mercury United Electron...
SSG MERCURY-SSG Datasheet
134Kb / 1P
   32.768 KHz Surface Mount Crystal
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com