Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM300DU-24F Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CM300DU-24F
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM300DU-24F Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CM300DU-24F_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM300DU-24F_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM300DU-24F_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM300DU-24F_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb. 2009
4
MITSUBISHI IGBT MODULES
CM300DU-24F
HIGH POWER SWITCHING USE
101
102
23
5
7
103
23
5
7
101
102
2
3
5
7
103
2
3
5
7
trr
Irr
0
6
4
2
10
8
16
14
12
20
18
0
1000
3000
5000
2000
4000
VCC = 400V
VCC = 600V
IC = 300A
101
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 7
23 5 7
23 5 7
23 5 7
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
3
2
23 5 7
23 5 7
Single Pulse
TC = 25
°C
Conditions:
VCC = 600V
VGE =
±15V
RG = 1.0
Tj = 25
°C
Inductive load
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE
(TYPICAL)
EMITTER CURRENT IE (A)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT part & FWDi part)
TIME (s)
GATE CHARGE
CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
IGBT part:
Per unit base = Rth(j–c) = 0.13
K/W
FWDi part:
Per unit base = Rth(j–c) = 0.18
K/W


Similar Part No. - CM300DU-24F_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM300DU-24F MITSUBISHI-CM300DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
logo
Powerex Power Semicondu...
CM300DU-24F POWEREX-CM300DU-24F Datasheet
94Kb / 4P
   Trench Gate Design Dual IGBTMOD??300 Amperes/1200 Volts
More results

Similar Description - CM300DU-24F_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com